Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5412 Datasheet(PDF) 26 Page - STMicroelectronics

Part # STLC5412
Description  2B1Q U INTERFACE DEVICE ENHANCED WITH DECT MODE
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5412 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STLC5412 Datasheet HTML 22Page - STMicroelectronics STLC5412 Datasheet HTML 23Page - STMicroelectronics STLC5412 Datasheet HTML 24Page - STMicroelectronics STLC5412 Datasheet HTML 25Page - STMicroelectronics STLC5412 Datasheet HTML 26Page - STMicroelectronics STLC5412 Datasheet HTML 27Page - STMicroelectronics STLC5412 Datasheet HTML 28Page - STMicroelectronics STLC5412 Datasheet HTML 29Page - STMicroelectronics STLC5412 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 74 page
background image
If not programmed this bit is inactive. The relock
will take place only after completion of present
monitor transfer. (EOM received). This locking will
cause a phase jump of FSa and BCLK signals. To
avoid problems on the GCI bus that is synchro-
nized by FSa, a number of 5 GCI frames after the
phase jump will be ignored by the STLC5412.
For proper system operation before writing the
LOCK bit in CR7 register, the MOB bit (Mask
Overhead Bits) in CR4 register should be set to 1
to avoid spontaneous monitor message genera-
tion from STLC5412. Following the relocking the
MOB bit should be set back to desired value after
a minimum time to be defined (ex. 1msec).
The suggestedprocedure is to program the LOCK bit
in CR7 register after the AI indication from
STLC5412. In this case the system controller knows
when the phase jump takes place and can reset the
transmission/receptionof the GCI controller.
Notes:
The DECT EOC message reception generates an
interrupt as a normal EOC message according to
the rules stored in OPR register. The DECT sync
message must be checked 3 times (reset value
of OPR register). If it is not detected 3 times iden-
tical no pulse is generated. The DECT pulse
width on output pin SFSx is 6msec.
MAINTENANCE FUNCTIONS
M channel
In each frame there are 6 ”overhead” bits assigned
to various control and maintenance functions.
Some programmable processing of these bits is
provided on chip while interaction with an external
controller provides the flexibility to take full advan-
tage of the maintenance channels. See OPR,
TXM4, TXM56, TXEOC, RXM4, RXM56, RXEOC
TX EOC
SFSx
n*12ms (n=40 minimum)
6ms
DECT DECT DECT
txeoc
txeoc
txeoc
txeoc
txeoc
txeoc
txeoc
txeoc
txeoc
DECT
DECT
DECT
LT DECT MODE
NT DECT MODE
SFSx
n*12ms
RX EOC
12 ms
SFSr
RXEOC INT
RXEOC INT
RXEOC INT
RXEOC INT
6ms
DECT DECT
DECT
rxeoc
rxeoc
rxeoc
rxeoc
rxeoc
rxeoc
rxeoc
rxeoc
rxeoc
DECT
DECT
DECT
36ms + line delay
TIMING DIAGRAMS FOR DECT
STLC5412
26/74



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com