Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5412 Datasheet(PDF) 51 Page - STMicroelectronics

Part # STLC5412
Description  2B1Q U INTERFACE DEVICE ENHANCED WITH DECT MODE
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5412 Datasheet(HTML) 51 Page - STMicroelectronics

Back Button STLC5412 Datasheet HTML 47Page - STMicroelectronics STLC5412 Datasheet HTML 48Page - STMicroelectronics STLC5412 Datasheet HTML 49Page - STMicroelectronics STLC5412 Datasheet HTML 50Page - STMicroelectronics STLC5412 Datasheet HTML 51Page - STMicroelectronics STLC5412 Datasheet HTML 52Page - STMicroelectronics STLC5412 Datasheet HTML 53Page - STMicroelectronics STLC5412 Datasheet HTML 54Page - STMicroelectronics STLC5412 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 74 page
background image
MWPS Micro Wire Port Select register (Signifi-
cant in microwire mode only).
(write only)
Default value: Mode A (5410 compatible)
– Writting FFH value select the mode B to ex-
change data onto CI & CO
– Writing 00H value select the mode A (See Mi-
crowire control interface paragraph for more
details Mode A, Mode B).
Note: Soft Reset has no effect on the select
mode.
BAUD DELAY Register (DBAUD)
After reset: 00H
DBAUD7 DBAUD6 DBAUD5 DBAUD4 DBAUD3 DBAUD2 DBAUD1 DBAUD0
8 bits read-only register that provides the round
trip bauds delay (12.5usec step). It is significant in
LT mode only. The register is split in two sections:
DBAUD4..DBAUD0: 5 bits counter of bauds delay
between SFSx and SFSr rising edges (total digi-
tal delay: tdd).
DBAUD7..DBAUD5: 3 bits to store the internal
elastic memory (FIFO) state. The table A shows
the coding of the 3-stages elastic memory (elas-
tic digital delay: edd).
Table A.
FIFO state
baud delay (edd)
000
-1
010
-2
110
0
-2: 2 bauds have to be subtracted from bauds
counter value (DBAUD4..DBAUD0)
-1: 1 baud has to be subtracted to bauds counter
value (DBAUD4..DBAUD0)
0: no correction
All other FIFO states are used during activation
procedure. Once PLL2 is frozen you can be only
in one of the 3 states in table A.
TX RX Clocks Different Register (DTXRX)
After reset: 00H
7
6
5
43210
8bits read-only register that provides the phase
difference between transmit clock and receive re-
covered clock by PLL2 in steps of 65.1 nsec.
(clock elastic delay: ced). The register is signifi-
cant in LT mode only.
STLC5412
51/74



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com