Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5412 Datasheet(PDF) 63 Page - STMicroelectronics

Part # STLC5412
Description  2B1Q U INTERFACE DEVICE ENHANCED WITH DECT MODE
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5412 Datasheet(HTML) 63 Page - STMicroelectronics

Back Button STLC5412 Datasheet HTML 59Page - STMicroelectronics STLC5412 Datasheet HTML 60Page - STMicroelectronics STLC5412 Datasheet HTML 61Page - STMicroelectronics STLC5412 Datasheet HTML 62Page - STMicroelectronics STLC5412 Datasheet HTML 63Page - STMicroelectronics STLC5412 Datasheet HTML 64Page - STMicroelectronics STLC5412 Datasheet HTML 65Page - STMicroelectronics STLC5412 Datasheet HTML 66Page - STMicroelectronics STLC5412 Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 74 page
background image
TIMING CHARACTERISTICS
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
MASTER CLOCK
FMCLK
Frequency of MCLK
Tolerance
Including Temperature,
Aging, Etc...
–100
15.36
+100
MHz
ppm
MCLK/XTAL Input Clock Jitter
External Clock Source
50
ns pk-pk
tWMH
Clock Pulse Width, MCLK High Level
VIH =VCC – 0.5V
VIL = 0.5V
20
ns
tWML
Clock Pulse Width, MCLK Low Level
20
ns
tRM
tFM
Rise Time of MCLK
Fall Time of MCLK
Used as a Logic Input
10
10
ns
ns
DIGITAL INTERFACE
FBCLK
Frequency of BCLK
Formats 1, 2 and 3
Format 4 and GCI Mode
256
512
4095
6144
KHz
KHz
tWBH
Clock Pulse Width, BCLK High Level
Measured from VIH to VIH
30
ns
tWBL
Clock Pulse Width, BCLK Low Level
Measured from VIL to VIL
30
ns
tRB
Risae Time of BCLK
Measured from VIL to VIH
15
ns
tFB
Fall Time of BCLK
Measured from VIH to VIL
15
ns
tSFB
Setup Time, FS High or Low to BCLK Low
DSI or GCI Slave Mode only
30
ns
tHBF
Hold Time, BCLK Low to FS High or Low
DSI or GCI Slave Mode only
20
ns
tDBF
Delay Time, BCLK High to FS High or Low
DSI or GCI Master Mode only
–20
20
ns
tDBD
Delay Time, BCLK High to Data Valid
Load = 150pF + 2 LSTTLLoads
80
ns
tDBDZ
Delay Time, BCLK High to Data HZ
50
ns
tDFD
Delay Time, FS High to Data Valid
Load = 150pF + 2 LSTTLLoads
80
ns
tSDB
Setup Time, Data Valid to BCLK Low
0
ns
tHBD
Hold time, BCLK to Data Invalid
20
ns
tDBT
Delay Time, BCLK High to TSR Low
Load = 100pF + 2 LSTTLLoads
80
ns
tDBTZ
Delay Time, BCLK Low to TSR HZ
50
ns
tDFT
Delay Tie, FS High to TSR Low
Load = 100pF + 2 LSTTLLoads
80
ns
D PORT IN CONTINUOUS MODE: 16KBITS/SEC
tSDD
Setup Time, DCLK Low to DX High or Low
50
ns
tHDD
Hold Time, DCLK Low to DX High or Low
50
ns
tDDD
Delay Time, DCLK High to DR High or Low
Load = 50pF + 2 LSTTL Loads
80
ns
MICROWIRE CONTROL INTERFACE
FCCLK
Frequency of CCLK
5
MHz
tWCH
Clock Pulse Width, CCLK High Level
Measured from VIH to VIH
85
ns
tWCL
Clock Pulse Width, CCLK Low Level
Measured from VIL to VIL
85
ns
tRC
Rise Time of CCLK
Measured from VIL to VIH
15
ns
tFC
Fall Time of CCLK
Measured from VIH to VIL
15
ns
tSSC
Setup Time, CSB Low to CCLK High
60
ns
tHCS
Hold Time, CCLK Low to CSB High
10
ns
tWSH
Duration of CSB High
200
ns
tSIC
Setup Time, CI Valid to CCLK High
25
ns
tHCI
Hold Time, CCLK High to CI Invalid
25
ns
tDSO
Delay Time, CSB Low to CO Valid
Out First Bit on CO
50
ns
tDCO
Delay Time CCLK Low to CO Valid
Load = 50 pF + 2LSTTL Loads
50
ns
tDCOZ
Delay Time, CCLK Low to CO HZ
50
ns
tDCI
Delay Time, CCLK Low to INTB Low or HZ
Load = 80pF + 2LSTTL Loads
150
ns
STLC5412
63/74



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com