Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5412 Datasheet(PDF) 43 Page - STMicroelectronics

Part # STLC5412
Description  2B1Q U INTERFACE DEVICE ENHANCED WITH DECT MODE
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5412 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button STLC5412 Datasheet HTML 39Page - STMicroelectronics STLC5412 Datasheet HTML 40Page - STMicroelectronics STLC5412 Datasheet HTML 41Page - STMicroelectronics STLC5412 Datasheet HTML 42Page - STMicroelectronics STLC5412 Datasheet HTML 43Page - STMicroelectronics STLC5412 Datasheet HTML 44Page - STMicroelectronics STLC5412 Datasheet HTML 45Page - STMicroelectronics STLC5412 Datasheet HTML 46Page - STMicroelectronics STLC5412 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 74 page
background image
and M56, both registers RXM4 and RXM56 are
queued in the interrupt register stack.
Bits act, dea, uoa, sai are dedicated to the activa-
tion procedure. Validation is always done in ac-
cordance with the ANSI rule: validation at each
new activation bit received and confirmed twice
independently from the above rules. These bits
are taken into account directly by the activation
decoder. An interrupt is not generated for the
RXM4 Register when one of these bits changes,
but they are provided for test to the RXM4 Regis-
ter.
OC1, OC0 eoc channel processing:
select how a received eoc message is validated
and transmitted to the system.
OC1
OC0
0
0
every half a super frame, an
interrupt is generated for the
RXEOC register. eoc channel
is transparently transmitted to
the system.
0
1
an interrupt is set at each new
eoc message received.
1
0
an interrupt is set at each new
eoc message received and
confirmed once. (two times
identical)
1
1
an interrupt is set at each new
eoc message received and
confirmed twice. (three times
identical).
C2E Counter 2 enable:
C2E = 0: Only counter BEC1 is used for both febe
and nebe counting.
C2E = 1: Counter BEC1 is used for nebe.
Counter BEC2 is used for febe.
Configuration Register 1 (CR1)
After reset:
µW mode 00H
GCI: MO = 0 (LT/NT12) = C0H
GCI: MO = 1 (NT/TE) = D2H
FF1
FF0
CK2
CK1
CK0
DDM CMS
BEX
FF1, FF0 Frame Format Selection: (
µW/DSI only)
Refer to fig. 2 and 3.
FF1
FF2
0
0
Format 1
0
1
Format 2
1
0
Format 3
1
1
Format 4 GCI like
CK0-CK2 Digital Interface Clock select: (
µW/DSI
only)
CK0-CK2 bits select the BCLK output frequency
when DSI clocks are outputs.
CK2
CK1
CK0
BCLK frequency:
0
0
0
256KHz
0
0
1
512KHz
0
1
0
1536KHz
0
1
1
2048KHz
1
0
0
2560KHz
DDM Delayed Data Mode select:(
µW/DSI only)
Two different phase-relations may be established
between the Frame Sync signals and the first bit
of the frame on the Digital Interface:
DDM = 0: Non delayed data mode The first bit
of
the
frame
begins
nominally
coincident with the rising edge of
FSA/B.
DDM = 1: delayed data mode: FSA/B input must
be set high at least a half cycle of
BCLK earlier the frame beginning.
CMS Clocks Master Select:(
µW/DSI only)
CMS = 0: BCLK, FSA and FSB are inputs;
BCLK can have in Format 1, 2 and 3
value between 256KHz to 4096KHz,
value
in
Format
4:
512KHz
to
6176KHz.
CMS = 1: BCLK, FSA and FSB are outputs. FSA
is a 8 kHz clock pulse indicating the
frame beginning. FSB is a 8 kHz clock
pulse indicating the second 8 bits wide
time-slot. BCLK is a bit clock signal
whose frequency is fixed bits CK2-CK0.
BEX B channels EXchange:
BEX = 0: B1
and
B2
Tx/Rx channels
are
associated
with
TXB1/RXB1
and
TXB2/RXB2 registers respectively.
BEX = 1: B1 and B2 channels are exchanged.
Configuration Register 2 (CR2)
After reset:
µW mode 00H
GCI: MO = 0 (LT/NT12) = 00H
GCI: MO = 1 (NT/TE) = 80H
µW (LT,NT):
SFS NTS DMO DEN ETC
BP1
EIF
BP2
BFH9D
RR
GCI (LT,NT):
SFS NTS T24D CID
ETC
BP1
EIF
BP2
BFH9D
RR
SFS Super Frame Synchronization Select:
Significant in LT mode only.
STLC5412
43/74



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com