Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7420 Datasheet (PDF) - STMicroelectronics

TDA7420 Datasheet PDF - STMicroelectronics
Part # TDA7420
Download  TDA7420 Download
File Size   230.27 Kbytes
Page   29 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description MULTIFUNCTIONAUDIO PROCESSOR

TDA7420 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA7420 Datasheet PDF - STMicroelectronics

Part # TDA7420
Download  TDA7420 Click to download

File Size   230.27 Kbytes
Page   29 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description MULTIFUNCTIONAUDIO PROCESSOR

TDA7420 Datasheet (HTML) - STMicroelectronics


TDA7420 Product details

DESCRIPTION
The TDA7420 I2C bus controlled multifunction audio processor contains all signal processing blocks of a high performance car radio, including audioprocessor, stereodecoder, noise blanker, different mute functions, cassette preamplifier and AMS function.

CASSETTE PREAMPLIFIER:
■ FORWARD/REVERSE INPUTS GROUND COMPATIBLE
■ INTERNAL SWITCHES FOR EQUALIZATION
■ INTERNAL ADJUSTMENT FOR TRAKING
■ INTERNAL ADJUSTMENT FOR OUTPUT

AMS:
■ INPUT GAIN CONTROL
■ ADJUSTABLE GAIN VERSUS FREQUENCY

AUDIOPROCESSOR:
■ INPUTS: 1 FULLY DIFFERENTIAL, 1 DIFFERENTIAL, 1 STEREO AND 1 MONO
■ INPUT GAIN FROM 0 TO 15dB (1dB STEP)
■ VOLUME CONTROL FROM +16 TO -63dB (1dB STEP)
■ BASS AND TREBLE CONTROL FROM -18 TO 18dB (1dB STEP)
■ DIRECT MUTE, SOFT MUTE AND RADIO MUTE
■ FOUR INDEPENDENT OUTPUT STAGES:
    - ATTENUATION CONTROL FROM 0 TO -79dB (1dB STEP)
    - BEEP CONTROL (ON/OFF, FRONT/REAR)

STEREO DECODER:
■ ROLL-OFF ADJUSTMENT
■ SELECTABLE DEEMPHASIS
■ 19KHz CANCELLATION
■ HIGH CUT CONTROL
■ STEREO BLEND

NOISE BLANKER
■ AUTOMATIC THRESHOLD CONTROL AND PROGRAMMABLE TRIGGER THRESHOLD
■ INTEGRATED HIGH PASS FILTER
■ PACKAGE: TQFP64 (14x14)




Similar Part No. - TDA7420

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7421 STMICROELECTRONICS-TDA7421 Datasheet
527Kb / 38P
AM/FM TUNER FOR CAR RADIO AND Hi-Fi APPLICATIONS
Jun-1998
TDA7421N STMICROELECTRONICS-TDA7421N Datasheet
325Kb / 38P
AM/FM TUNER FOR CAR RADIO AND HI-FI APPLICATIONS
Aug-2000
TDA7427 STMICROELECTRONICS-TDA7427 Datasheet
144Kb / 21P
AM-FM RADIO FREQUENCY SYNTHESIZER AND IF COUNTER
Nov-1999
TDA7427A STMICROELECTRONICS-TDA7427A Datasheet
160Kb / 21P
AM-FM RADIO FREQUENCY SYNTHESIZER AND IF COUNTER
Jul-1998
TDA7427AAD STMICROELECTRONICS-TDA7427AAD Datasheet
160Kb / 21P
AM-FM RADIO FREQUENCY SYNTHESIZER AND IF COUNTER
Jul-1998
More results


Similar Description - TDA7420

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TPU2735 ETC-TPU2735 Datasheet
1,019Kb / 37P
Teletext Processor
logo
Broadcom Corporation.
BCM5823 BOARDCOM-BCM5823 Datasheet
121Kb / 1P
SECURITY PROCESSOR
logo
New Japan Radio
NJW1142 NJRC-NJW1142 Datasheet
123Kb / 14P
AUDIO PROCESSOR
NJW1141 NJRC-NJW1141 Datasheet
287Kb / 20P
AUDIO PROCESSOR
logo
Analog Devices
ADSP-21477 AD-ADSP-21477 Datasheet
1Mb / 76P
SHARC Processor
REV. B
logo
Axiomtek Co., Ltd.
CEM313 AXIOMTEK-CEM313 Datasheet
269Kb / 1P
Intel짰 Pentium짰 processor N4200 & Celeron짰 processor
logo
NXP Semiconductors
P1020PB NXP-P1020PB Datasheet
592Kb / 16P
Integrated Processor
Rev. 0 11/2008
logo
RFbeam Microwave GmbH
RSP1 RFBEAM-RSP1 Datasheet
1Mb / 25P
Radar Processor
logo
Generalplus Technology ...
GP326833A GENERALPLUS-GP326833A Datasheet
1Mb / 21P
Multimedia Processor
GPL32610B GENERALPLUS-GPL32610B Datasheet
1Mb / 22P
Multimedia Processor
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com