Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7420 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7420
Description  MULTIFUNCTIONAUDIO PROCESSOR
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7420 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7420 Datasheet HTML 1Page - STMicroelectronics TDA7420 Datasheet HTML 2Page - STMicroelectronics TDA7420 Datasheet HTML 3Page - STMicroelectronics TDA7420 Datasheet HTML 4Page - STMicroelectronics TDA7420 Datasheet HTML 5Page - STMicroelectronics TDA7420 Datasheet HTML 6Page - STMicroelectronics TDA7420 Datasheet HTML 7Page - STMicroelectronics TDA7420 Datasheet HTML 8Page - STMicroelectronics TDA7420 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
TDA7420
MULTIFUNCTION AUDIO PROCESSOR
CASSETTE PREAMPLIFIER:
FORWARD/REVERSE
INPUTS
GROUND
COMPATIBLE
INTERNAL SWITCHES FOR EQUALIZATION
INTERNAL ADJUSTMENT FOR TRAKING
INTERNAL ADJUSTMENT FOR OUTPUT
AMS:
INPUT GAIN CONTROL
ADJUSTABLE GAIN VERSUS FREQUENCY
AUDIOPROCESSOR:
INPUTS: 1 FULLY DIFFERENTIAL, 1 DIFFER-
ENTIAL, 1 STEREO AND 1 MONO
INPUT GAIN FROM 0 TO 15dB (1dB STEP)
VOLUME CONTROL FROM +16 TO -63dB
(1dB STEP)
BASS AND TREBLE CONTROL FROM -18
TO 18dB (1dB STEP)
DIRECT MUTE, SOFT MUTE AND RADIO
MUTE
FOUR INDEPENDENT OUTPUT STAGES:
- ATTENUATION CONTROL FROM
0 TO -79dB (1dB STEP)
- BEEP CONTROL (ON/OFF, FRONT/REAR)
STEREO DECODER:
ROLL-OFF ADJUSTMENT
SELECTABLE DEEMPHASIS
19KHz CANCELLATION
HIGH CUT CONTROL
STEREO BLEND
NOISE BLANKER
AUTOMATIC THRESHOLD CONTROL AND
PROGRAMMABLE TRIGGER THRESHOLD
INTEGRATED HIGH PASS FILTER
PACKAGE: TQFP64 (14x14)
DESCRIPTION
The TDA7420 I
2C bus controlled multifunction
audio processor contains all signal processing
blocks of a high performance car radio, including
audioprocessor, stereodecoder, noise blanker,
different mute functions, cassette preamplifier and
AMS function.
The use of BICMOS technology allows the imple-
mentation of several filter functions with switched
capacitor techniques like fully integrated, adjust-
ment free PLL Loop filter, pilot detector with inte-
grator.
This minimizes the number of external compo-
nents.
Due to a highly linear signal processing, using
CMOS-switching techniques instead of standard
bipolar multipliers, very low distortion and very
low noise are obtained also in the stereodecoder
part.
Very low DC stepping is obtained by use of the
BICMOS technology.
May 1998
®
ORDERING NUMBER: TDA7420
TQFP 64 (14x14)
1/29


Similar Part No. - TDA7420

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7421 STMICROELECTRONICS-TDA7421 Datasheet
527Kb / 38P
AM/FM TUNER FOR CAR RADIO AND Hi-Fi APPLICATIONS
Jun-1998
TDA7421N STMICROELECTRONICS-TDA7421N Datasheet
325Kb / 38P
AM/FM TUNER FOR CAR RADIO AND HI-FI APPLICATIONS
Aug-2000
TDA7427 STMICROELECTRONICS-TDA7427 Datasheet
144Kb / 21P
AM-FM RADIO FREQUENCY SYNTHESIZER AND IF COUNTER
Nov-1999
TDA7427A STMICROELECTRONICS-TDA7427A Datasheet
160Kb / 21P
AM-FM RADIO FREQUENCY SYNTHESIZER AND IF COUNTER
Jul-1998
TDA7427AAD STMICROELECTRONICS-TDA7427AAD Datasheet
160Kb / 21P
AM-FM RADIO FREQUENCY SYNTHESIZER AND IF COUNTER
Jul-1998
More results

Similar Description - TDA7420

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TPU2735 ETC-TPU2735 Datasheet
1,019Kb / 37P
Teletext Processor
logo
Broadcom Corporation.
BCM5823 BOARDCOM-BCM5823 Datasheet
121Kb / 1P
SECURITY PROCESSOR
logo
New Japan Radio
NJW1142 NJRC-NJW1142 Datasheet
123Kb / 14P
AUDIO PROCESSOR
NJW1141 NJRC-NJW1141 Datasheet
287Kb / 20P
AUDIO PROCESSOR
logo
Analog Devices
ADSP-21477 AD-ADSP-21477 Datasheet
1Mb / 76P
SHARC Processor
REV. B
logo
Axiomtek Co., Ltd.
CEM313 AXIOMTEK-CEM313 Datasheet
269Kb / 1P
Intel짰 Pentium짰 processor N4200 & Celeron짰 processor
logo
NXP Semiconductors
P1020PB NXP-P1020PB Datasheet
592Kb / 16P
Integrated Processor
Rev. 0 11/2008
logo
RFbeam Microwave GmbH
RSP1 RFBEAM-RSP1 Datasheet
1Mb / 25P
Radar Processor
logo
Generalplus Technology ...
GP326833A GENERALPLUS-GP326833A Datasheet
1Mb / 21P
Multimedia Processor
GPL32610B GENERALPLUS-GPL32610B Datasheet
1Mb / 22P
Multimedia Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com