Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7420 Datasheet(PDF) 13 Page - STMicroelectronics

Part # TDA7420
Description  MULTIFUNCTIONAUDIO PROCESSOR
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7420 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TDA7420 Datasheet HTML 9Page - STMicroelectronics TDA7420 Datasheet HTML 10Page - STMicroelectronics TDA7420 Datasheet HTML 11Page - STMicroelectronics TDA7420 Datasheet HTML 12Page - STMicroelectronics TDA7420 Datasheet HTML 13Page - STMicroelectronics TDA7420 Datasheet HTML 14Page - STMicroelectronics TDA7420 Datasheet HTML 15Page - STMicroelectronics TDA7420 Datasheet HTML 16Page - STMicroelectronics TDA7420 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
MSB
LSB
FUNCTION
XXX
I
D3
D2
D1
D0
0000
Mux
0001
Volume
0010
Treble
0011
Bass
0100
Speaker Attenuator LF
0101
Speaker Attenuator RF
0110
Speaker Attenuator LR
0111
Speaker Attenuator RR
1000
Mute & Beep
1001
Stereodecoder
1010
Noise Blanker 1
1011
Noise Blanker 2
1100
AMS
1101
Dolby Level Control
1110
Metal Resistance Control
1111
Preamplifier Attenuation
If bit in the subaddress byte is set to ” 1”, the autoincrement of subaddress is enabled
SUBADDRESS (RECEIVE MODE)
TRANSMITTED DATA (SEND MODE)
MSB
LSB
X
X
X
X
X
ST
SM
AMS
HIGH = Active
AMS = True Blank Detected
SM = Soft mute activated
ST = Stereo (HIGH = active)
TDA7420
13/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com