Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7420 Datasheet(PDF) 12 Page - STMicroelectronics

Part # TDA7420
Description  MULTIFUNCTIONAUDIO PROCESSOR
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7420 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TDA7420 Datasheet HTML 8Page - STMicroelectronics TDA7420 Datasheet HTML 9Page - STMicroelectronics TDA7420 Datasheet HTML 10Page - STMicroelectronics TDA7420 Datasheet HTML 11Page - STMicroelectronics TDA7420 Datasheet HTML 12Page - STMicroelectronics TDA7420 Datasheet HTML 13Page - STMicroelectronics TDA7420 Datasheet HTML 14Page - STMicroelectronics TDA7420 Datasheet HTML 15Page - STMicroelectronics TDA7420 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
SUB ADDRESS
LSB
MSB
LSB
MSB
LSB
MSB
VPEAK
(V)
D94AU188
20
DEVIATION(KHz)
0.9
1.2
2.0
2.8
DETECTOR OFF (00)
32.5
45
75
OVM=01
OVM=10
OVM=11
Figure 4: Behaviour of the Deviation Dependent Threshold Adjust (Over Deviation Detector)
I
2C BUS INTERFACE
Interface Protocol
The interface protocol comprises:
A start condition (s)
A chip address byte, (the LSB bit determines
read/write transmission).
A subaddress byte
A sequence of data (N-bytes + acknowledge)
A stop condition (P)
S
1
00010
0 R/W ACK X
X
T
I
A3 A2 A1 A0 ACK
DATA
ACK P
ACK = Acknowledge
S = Start
P = Stop
I = Autoincrement
MAX CLOCK SPEED 500kbits/s
Autoincrement
If bit I in the subaddress byte is set to ”1”, the autoincrement of subaddress is enabled.
CHIP ADDRESS
DATA 1...DATA n
2.4V(11)
TRIG. THRESHOLD
0.9V
VPEAK
E’
D94AU187B
1.9V(10)
1.3V(01)
MONO
STEREO
noisy signal
good signal
ATC_SB OFF (00)
NOISE
3G
Figure 3: Behaviour of the Field Strength Controlled Threshold Adjustment
TDA7420
12/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com