Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7420 Datasheet(PDF) 19 Page - STMicroelectronics

Part # TDA7420
Description  MULTIFUNCTIONAUDIO PROCESSOR
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7420 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button TDA7420 Datasheet HTML 15Page - STMicroelectronics TDA7420 Datasheet HTML 16Page - STMicroelectronics TDA7420 Datasheet HTML 17Page - STMicroelectronics TDA7420 Datasheet HTML 18Page - STMicroelectronics TDA7420 Datasheet HTML 19Page - STMicroelectronics TDA7420 Datasheet HTML 20Page - STMicroelectronics TDA7420 Datasheet HTML 21Page - STMicroelectronics TDA7420 Datasheet HTML 22Page - STMicroelectronics TDA7420 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
NOISE BLANKER 1
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
Noise Blanker Threshold Vpeak = 0.9V
000
Vth = 30mV
001
Vth = 35mV
010
Vth = 40mV
011
Vth = 45mV
100
Vth = 50mV
101
Vth = 55mV
110
Vth = 60mV
111
Vth = 65mV
Noise Blanker Noise Adjusted Threshold Vpeak = 1.4V
00
Vth = 140mV
01
Vth = 180mV
10
Vth = 240mV
11
Vth = 280mV
Gain of Overdeviation Detector Vpeak with MPX of 75KHz Deviation
0
0
Detector Off
0
1
Vpeak = 1.2Vop
1
0
Vpeak = 2.0Vop
1
1
Vpeak = 2.8Vop
STEREO DECODER
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
Input Gain
0
0
1.5dB Input Gain
0
1
4.0dB Input Gain
1
0
6.5dB Input Gain
1
1
9dB Input Gain
Roll Off Adjustement
0
0
1
20.2%
0
1
0
21.9%
0
1
1
23.7%
1
0
0
25.5%
1
0
1
27.3%
1
1
0
29.2%
111
31%
0
Deemph. Time Constant 75
µs
1
Deemph. Time Constant 50
µs
1
Forced Mono
0
Stereo Enabled
0
Pilot Threshold High
1
Pilot Threshold Low
TDA7420
19/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com