Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7420 Datasheet(PDF) 11 Page - STMicroelectronics

Part # TDA7420
Description  MULTIFUNCTIONAUDIO PROCESSOR
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7420 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TDA7420 Datasheet HTML 7Page - STMicroelectronics TDA7420 Datasheet HTML 8Page - STMicroelectronics TDA7420 Datasheet HTML 9Page - STMicroelectronics TDA7420 Datasheet HTML 10Page - STMicroelectronics TDA7420 Datasheet HTML 11Page - STMicroelectronics TDA7420 Datasheet HTML 12Page - STMicroelectronics TDA7420 Datasheet HTML 13Page - STMicroelectronics TDA7420 Datasheet HTML 14Page - STMicroelectronics TDA7420 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
80KHz LP
SIGNAL PATH
ATC
AUTOMATIC
THRESHOLD
CONTROL
PEAK+VTH
RECT-PEAK
BUF
PEAK
AMP
RECT
-
+
PEAK COMP
REF.
BLANK COMP
1
4
5
I
2
C-BUS
ADDITIONAL THRESHOLD
CONTROL
(ATC-SB, MPX_RECT)
40
µs
LEFT
RIGHT
to INPUT SELECTOR
of AUDIOPROC.
CMOS OUTPUT
STAGE
MPX IN
VR
VSB
CPEAK
47nF
RPEAK
82K
Ω
CBLANK
330pF
TRIGGER
OUT
40
µs
D94AU189A
Figure 1: Block Diagram of the Noise Blanker
65mV
30mV
8 STEPS
NOISE ADJUSTED
TRIG. THRESHOLD
TRIG. THRESHOLD
280mV
240mV
180mV
140mV
0.9V
VTH
1.4V
VPEAK(V)
D94AU186B
Figure 2: Trigger Threshold vs. Vpeak
TDA7420
11/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com