Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7420 Datasheet(PDF) 20 Page - STMicroelectronics

Part # TDA7420
Description  MULTIFUNCTIONAUDIO PROCESSOR
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7420 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TDA7420 Datasheet HTML 16Page - STMicroelectronics TDA7420 Datasheet HTML 17Page - STMicroelectronics TDA7420 Datasheet HTML 18Page - STMicroelectronics TDA7420 Datasheet HTML 19Page - STMicroelectronics TDA7420 Datasheet HTML 20Page - STMicroelectronics TDA7420 Datasheet HTML 21Page - STMicroelectronics TDA7420 Datasheet HTML 22Page - STMicroelectronics TDA7420 Datasheet HTML 23Page - STMicroelectronics TDA7420 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
NOISE BLANKER 2
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
Field Strenght Controlled Rectifier Voltage (control by Vsb-Vr) Vpeak at Vsb-Vr = -500mV (fully Mono )
0
0
Control Off
0
1
Vpeak = 1.3V
1
0
Vpeak = 1.9V
1
1
Vpeak = 2.4V
Noise Blanker Gain
1
Low
0
High
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
Att. Sensitivity Tuning
0
0
0dB
0
1
-1dB
1
0
-2dB
1
1
-3dB
Gain Sensitivity Tuning
000
0dB
0
0
1
10dB
0
1
0
14dB
0
1
1
18dB
1
0
0
22dB
1
0
1
26dB
1
1
0
30dB
1
1
1
34dB
AC Sensitivity Tuning
0
0
22dB f = 1.1KHz SW1 = SW2 = SW3
0
1
34dB f = 1.1KHz
1
0
not allowed
1
1
21dB f = 160Hz
0AMS ON
1
AMS OFF
AMS
TDA7420
20/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com