Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7420 Datasheet(PDF) 21 Page - STMicroelectronics

Part # TDA7420
Description  MULTIFUNCTIONAUDIO PROCESSOR
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7420 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button TDA7420 Datasheet HTML 17Page - STMicroelectronics TDA7420 Datasheet HTML 18Page - STMicroelectronics TDA7420 Datasheet HTML 19Page - STMicroelectronics TDA7420 Datasheet HTML 20Page - STMicroelectronics TDA7420 Datasheet HTML 21Page - STMicroelectronics TDA7420 Datasheet HTML 22Page - STMicroelectronics TDA7420 Datasheet HTML 23Page - STMicroelectronics TDA7420 Datasheet HTML 24Page - STMicroelectronics TDA7420 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
DOLBY LEVEL CONTROL
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
Right Channel
0000
0dB
0001
-0.5dB
0010
-1.0dB
0011
-1.5dB
0100
-2.0dB
0101
-2.5dB
0110
-3.0dB
0111
-3.5dB
1000
-4.0dB
1001
-4.5dB
1010
-5.0dB
1011
-5.5dB
1
1
X
X
-6.0dB
Left Channel
0000
-0dB
0001
-0.5dB
0010
-1.0dB
0011
-1.5dB
0100
-2.0dB
0101
-2.5dB
0110
-3.0dB
0111
-3.5dB
1000
-4.0dB
1001
-4.5dB
1010
-5.0dB
1011
-5.5dB
1
1
X
X
-6.0dB
TDA7420
21/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com