Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7420 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TDA7420
Description  MULTIFUNCTIONAUDIO PROCESSOR
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7420 Datasheet(HTML) 5 Page - STMicroelectronics

  TDA7420 Datasheet HTML 1Page - STMicroelectronics TDA7420 Datasheet HTML 2Page - STMicroelectronics TDA7420 Datasheet HTML 3Page - STMicroelectronics TDA7420 Datasheet HTML 4Page - STMicroelectronics TDA7420 Datasheet HTML 5Page - STMicroelectronics TDA7420 Datasheet HTML 6Page - STMicroelectronics TDA7420 Datasheet HTML 7Page - STMicroelectronics TDA7420 Datasheet HTML 8Page - STMicroelectronics TDA7420 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
ELECTRICAL CHARACTERISTICS (continued.)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
TREBLE CONTROL
CRANGE
Control Range
+17
+18
+19
dB
ASTEP
Step Resolution
0.5
1
1.5
dB
RT
Internal Feedback Resistance
37
50
63
K
Ω
SPEAKER ATTENUATORS
CRANGE
Control Range
79
dB
ASTEP
Step Resolution
AV = 0 to -40dB
0.5
1
1.5
dB
AMUTE
Output Mute Attenuation
80
100
dB
EA
Attenuation Set Error
AV = 0 to -40dB
1.50
dB
VDC
DC Step
Adjacent Attenuation Steps
0.1
3
mV
AUDIO OUTPUTS
VCLIP
Clipping Level
d = 0.3%
2.0
2.5
VRMS
RL
Output Load Resistance
2
K
Ω
ROUT
Output Impedance
100
200
300
Ω
VDC
DC Voltage Level
3.35
3.6
3.85
V
GENERAL
ENO
Output Noise
BW = 20Hz to 20KHz, flat
Output Muted
All gains = 0dB
4.0
5.0
15
µV
µV
S/N
Signal to Noise Ratio
All gains 0dB; VO =1VRMS ;
106
dB
d
Distortion
VI =1VRMS ;
0.01
0.08
%
SC
Channel Separation Left/Right
80
95
dB
ET
Total Tracking Error
AV = 0 to -20dB;
0
1
dB
AV = -20 to -40dB;
0
2
dB
BUS INPUT
VIL
Input Low Voltage
1V
VIH
Input High Voltage
3
V
IIN
Input Current
VIN = 0.4V
-5
5
µA
VO
Output Voltage SDA
Acknowledge
IO = 1.6mA
0.1
0.4
V
SUPPLY
VIL
Supply Voltage
6.5
8.5
10.0
V
IS
Supply Current
Stereo Decoder = ON
25
33
41
mA
Stereo Decoder = OFF
20
28
35
mA
SVR
Ripple Rejection
Cref =22
µF
Audioprocessor
80
dB
Stereo Decoder + Audioprocessor
60
dB
TDA7420
5/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com