Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7420 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA7420
Description  MULTIFUNCTIONAUDIO PROCESSOR
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7420 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA7420 Datasheet HTML 5Page - STMicroelectronics TDA7420 Datasheet HTML 6Page - STMicroelectronics TDA7420 Datasheet HTML 7Page - STMicroelectronics TDA7420 Datasheet HTML 8Page - STMicroelectronics TDA7420 Datasheet HTML 9Page - STMicroelectronics TDA7420 Datasheet HTML 10Page - STMicroelectronics TDA7420 Datasheet HTML 11Page - STMicroelectronics TDA7420 Datasheet HTML 12Page - STMicroelectronics TDA7420 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
ELECTRICAL CHARACTERISTICS (continued)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VTRMIN
Trigger Threshold (*)
1) minimum
Measured with
NBT = 000
VPEAK = 1.2V
D2 on byte 2 = 1
D2 on byte 2 = 0
100
150
30
200
mVp
VTRMIN
Trigger Threshold
1) maximum
Measured with
NBT = 111
VPEAK = 1.2V
D2 on byte 2 = 1
D2 on byte 2 = 0
130
185
65
250
mVp
VTRSTEP
Trigger Threshold Step Size
5
mVp
VTRNOISE
Noise Adjusted Trigger Threshold
2)
Measured with
VPEAK = 1.4V
D2 on byte 2 = 0
NAT = 00
NAT = 01
NAT = 10
NAT = 11
140
180
240
280
mVp
mVp
mVp
mVp
VPEAK
Rectifier Voltage
D2 on byte 2 = 1
VMPX = 0mV
0.9
V
VMPX = 50mV
f = 200KHz
1.5
V
VMPX = 100mV
f = 200KHz
2.0
V
VRECTDEV
Deviation Dependent Rectifier
Voltage
3)
Measured with
VMPX = 500mV
(75KHz dev.)
OVD = 00(off)
OVD = 01
OVD = 10
OVD = 11
0.9
1.2
2.0
2.8
V
V
V
V
VRECTFS
Field Strength Controlled Rectifier
Voltage
4)
Measured with
VMPX = 0mV
VSB-VR = -500mV
(fully mono.)
FSC = 00(off)
FSC = 01
FSC = 10
FSC = 11
0.9
1.3
1.9
2.4
V
V
V
V
TS
Suppression Pulse Duration
CBLANK = 330pF
40
µs
IOS
Input Offset Current During
Suppression Time
10
pA
(*) All thresholds are measured by using a pulse with TR =2
µs, THIGH =2µs and TF =10µs.
The repetition rate must not increase the PEAK voltage.
1) NTB represents bits D0 - D2 of NB byte 1
2) NAT represents bits D3 - D4 of NB byte 1
3) OVD represents bits D5 - D6 of NB byte 1
4) FSC represents bits D0 - D1 of NB byte 2
NOISE BLANKER PART
FEATURES:
INTERNAL 2nd ORDER 140KHz HIGH-PASS
FILTER
NOISE RECTIFIER OUTPUT FOR SIGNAL
QUALITY DETECTION
PROGRAMMABLE TRIGGER THRESHOLD
TRIGGER THRESHOLD DEPENDENT ON
HIGH
FREQUENCY
NOISE WITH
PRO-
GRAMMABLE GAIN
ADDITIONAL CIRCUITS FOR DEVIATION
AND FIELD STRENGTH -DEPENDENT TRIG-
GER ADJUSTMENT
BLANKING TIME PROGRAMMABLE BY EX-
TERNAL CAPACITOR
VERY LOW OFFSET CURRENT DURING
HOLD TIME DUE TO OPAMPS WITH MOS
INPUTS
VTH
VMPX
DC-LEVEL
TR
THIGH
TF
Time
D94AU185
TDA7420
9/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com