Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7420 Datasheet(PDF) 22 Page - STMicroelectronics

Part # TDA7420
Description  MULTIFUNCTIONAUDIO PROCESSOR
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7420 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button TDA7420 Datasheet HTML 18Page - STMicroelectronics TDA7420 Datasheet HTML 19Page - STMicroelectronics TDA7420 Datasheet HTML 20Page - STMicroelectronics TDA7420 Datasheet HTML 21Page - STMicroelectronics TDA7420 Datasheet HTML 22Page - STMicroelectronics TDA7420 Datasheet HTML 23Page - STMicroelectronics TDA7420 Datasheet HTML 24Page - STMicroelectronics TDA7420 Datasheet HTML 25Page - STMicroelectronics TDA7420 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
METAL RESISTANCE CONTROL
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
Right Channel
1000
R metal +20%
0000
R metal +15%
0001
R metal +10%
0010
R metal +5%
0011
R metal =3.8K
Ω Typical
0100
R metal - 5%
0101
R metal - 10%
0110
R metal - 15%
0111
R metal - 20%
Left Channel
1000
R metal +20%
0000
R metal +15%
0001
R metal +10%
0010
R metal +5%
0011
R metal =3.8K
Ω Typical
0100
R metal - 5%
0101
R metal - 10%
0110
R metal - 15%
0111
R metal - 20%
PREAMPLIFIER
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
Attenuation control
0
0
0dB
0
1
-20dB
1
0
-23dB
1
1
Mute
0
Reverse Mode On
1
Forward Mode On
TDA7420
22/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com