Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7420 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TDA7420
Description  MULTIFUNCTIONAUDIO PROCESSOR
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7420 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TDA7420 Datasheet HTML 4Page - STMicroelectronics TDA7420 Datasheet HTML 5Page - STMicroelectronics TDA7420 Datasheet HTML 6Page - STMicroelectronics TDA7420 Datasheet HTML 7Page - STMicroelectronics TDA7420 Datasheet HTML 8Page - STMicroelectronics TDA7420 Datasheet HTML 9Page - STMicroelectronics TDA7420 Datasheet HTML 10Page - STMicroelectronics TDA7420 Datasheet HTML 11Page - STMicroelectronics TDA7420 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
NOTES TO THE CHARACTERISTICS
1 INTERMODULATION SUPPRESSION
α2 =
VO (signal)(at1KHz)
VO
(spurious)(at1KHZ)
;fs = (2 x 10KHz) - 19KHz
α3 =
VO
(signal)(at1KHz)
VO
(spurious)(at1KHZ)
;fs = (3 x 13KHz) - 38KHz
measured with : 91% mono signal; 9% pilot signal; fm=10KHz or 13KHz.
2. TRAFFIC RADIO (V.F.) suppression
α57 (V.W.F.)=
VO(signal)
(at1KHz)
VO
(spurious)(at1KHZ ±23Hz)
measured with : 91% stereo signal; 9% pilot signal; fm=1KHz; 5% subcarrier
(f=57KHz, fm = 23Hz AM, m = 60%)
3. SCA (SUBSIDIARY COMMUNICATIONS AUTHORIZATION)
α67 =
VO(signal) (at1KHz)
VO
(spurious)(at9KHZ)
;fs = (2 x 38KHz) - 67KHz
measured with : 81% mono signal; 9% pilot signal; fm=1KHz;
10% SCA - subcarrier (fs = 67KHz, unmodulated).
4. ACI (ADJACENT CHANNEL INTERFERENCE)
α114 =
VO(signal) (at1KHz)
VO
(spurious)(at4KHZ)
;fs = 110KHz - (3 x 38KHz)
α190 =
VO(signal) (at1KHz)
VO
(spurious)(at4KHZ)
;fs = 186KHz - (5 x 38KHz) -
measured with 90% mono signal; 9% pilot signal; fm = 1KHz; 1% spurious signal
(fs = 110KHz or 186KHz, unmodulated).
5: Control range for High Cut Control and Stereo Blend is VR - 400mV
≤ VSB,VHCC ≤VR
-500
-400
-300
-200
-100
0 VHCC-VR
0
1
2
3
fc
(KHz)
D94AU183
Figure : High Cut Control
-400
-300
-200
-100
VSB -VR
0
10
20
30
40
SEP
(dB)
D94AU184
Figure : Stereo Blend
TDA7420
8/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com