Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA6008 Datasheet (PDF) - HBH Microwave GmbH

HA6008 Datasheet PDF - HBH Microwave GmbH
Part # HA6008
Download  HA6008 Download
File Size   20.71 Kbytes
Page   1 Pages
Manufacturer  HBH [HBH Microwave GmbH]
Direct Link  http://www.hbhmw.de/
Logo HBH - HBH Microwave GmbH
Description 9.0 - 10.0 GHz Driver Amplifier

HA6008 Datasheet (PDF)

Go To PDF Page Download Datasheet
HA6008 Datasheet PDF - HBH Microwave GmbH

Part # HA6008
Download  HA6008 Click to download

File Size   20.71 Kbytes
Page   1 Pages
Manufacturer  HBH [HBH Microwave GmbH]
Direct Link  http://www.hbhmw.de/
Logo HBH - HBH Microwave GmbH
Description 9.0 - 10.0 GHz Driver Amplifier

HA6008 Datasheet (HTML) - HBH Microwave GmbH




Similar Part No. - HA6008

ManufacturerPart #DatasheetDescription
logo
HBH Microwave GmbH
HA6001 HBH-HA6001 Datasheet
20Kb / 1P
5.0 - 15.0 GHz Broadband Amplifier
HA6002 HBH-HA6002 Datasheet
14Kb / 1P
14.0 - 16.4 GHz Amplifier
HA6003 HBH-HA6003 Datasheet
20Kb / 1P
6 - 13 GHz Broadband Low Noise Amplifier
HA6004 HBH-HA6004 Datasheet
20Kb / 1P
8.0 - 18.0 GHz Broadband Power Amplifier
HA6005 HBH-HA6005 Datasheet
12Kb / 1P
9.0 - 11.0 GHz High Power Amplifier
More results


Similar Description - HA6008

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAPGM0038 MACOM-MAAPGM0038 Datasheet
185Kb / 5P
1.2W Power Amplifier 9.0-12.0 GHZ
MAAP-000038-PKG003 MACOM-MAAP-000038-PKG003 Datasheet
234Kb / 5P
Amplifier, Power, 1.2W 9.0-12.0 GHz
MAAPGM0030 MACOM-MAAPGM0030 Datasheet
204Kb / 5P
Amplifier, Power, 1W 5.0-9.0 GHz
logo
Mimix Broadband
CMM-9 MIMIX-CMM-9 Datasheet
462Kb / 4P
2.0-9.0 GHz GaAs MMIC Amplifier
logo
HBH Microwave GmbH
HA6009 HBH-HA6009 Datasheet
20Kb / 1P
9.0 - 10.0 GHz Driver Amplifier
logo
Excelics Semiconductor,...
EMP111-P1 EXCELICS-EMP111-P1 Datasheet
94Kb / 2P
7.0 - 9.0 GHz Power Amplifier MMIC
EMP114 EXCELICS-EMP114 Datasheet
187Kb / 2P
7.0 - 9.0 GHz Power Amplifier MMIC
EMP211-P1 EXCELICS-EMP211-P1 Datasheet
94Kb / 2P
9.0 - 12.0 GHz Power Amplifier MMIC
EMP212-P1 EXCELICS-EMP212-P1 Datasheet
94Kb / 2P
9.0 - 12.0 GHz Power Amplifier MMIC
logo
WOLFSPEED, INC.
CMPA901A020S WOLFSPEED-CMPA901A020S Datasheet
1Mb / 15P
9.0 - 10.0 GHz, 20 W, Packaged GaN MMIC Power Amplifier
Rev 0.0 September 2020
More results




About HBH Microwave GmbH


HBH Microwave GmbH is a leading manufacturer of high-quality microwave components and subsystems for the telecommunications, aerospace, defense, and scientific research industries. The company was founded in Germany in 1996 and has since established itself as a trusted provider of advanced microwave technologies.

HBH Microwave's product portfolio includes a wide range of microwave components, such as amplifiers, mixers, filters, couplers, and antennas. The company also offers customized solutions for specific applications, including subsystems and integrated microwave assemblies.

The company's engineering team has extensive experience in developing advanced microwave technologies for demanding applications. They work closely with customers to understand their requirements and develop customized solutions that meet their specific needs.

HBH Microwave has a strong focus on quality and reliability. The company's products are manufactured to the highest standards and undergo rigorous testing to ensure their performance and reliability. They are also designed to meet the demanding requirements of military and aerospace applications.

Overall, HBH Microwave is a trusted provider of high-quality microwave components and subsystems. Its commitment to innovation, quality, and customer service has earned it a strong reputation in the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com