Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC12 Datasheet (PDF) - TelCom Semiconductor, Inc

TC12 Datasheet PDF - TelCom Semiconductor, Inc
Part # TC12
Download  TC12 Download
File Size   24.45 Kbytes
Page   1 Pages
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc
Description LOW COST, ONE WIRE DIGITAL THERMOMETER WITH SHUTDOWN

TC12 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC12 Datasheet PDF - TelCom Semiconductor, Inc

Part # TC12
Download  TC12 Click to download

File Size   24.45 Kbytes
Page   1 Pages
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc
Description LOW COST, ONE WIRE DIGITAL THERMOMETER WITH SHUTDOWN

TC12 Datasheet (HTML) - TelCom Semiconductor, Inc


TC12 Product details

GENERAL DESCRIPTION
The TC12 is a monolithic temperature sensor that outputs a pulse waveform whose duty cycle varies in direct proportion to measured temperature. This output format is easily converted to binary data using logic or the counter/timer circuit on-board the system microcontroller. Typical accuracy is ±1°C over the rated measurement range of – 40°C to +125°C. It operates from supply voltages as low as 2.7V.

FEATURES
■ Single Wire Interface to Host Microcontroller
■ High Precision ................. ±1°C Accuracy (Typical)
■ Wide Measurement Range .......... – 40°C to +125°C
■ No External Components Required
■ Complimentary (TC12C) or Open Drain Outputs (TC12N)
■ Low Voltage Operation ........................ 2.7V to 5.5V
■ Small Package ........................................SOT-23A-5
■ Low Cost
■ Shutdown Input

APPLICATIONS
■ Notebook Computers
■ File Servers
■ Desktop Computers




Similar Part No. - TC12

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
TC12 FUMAN-TC12 Datasheet
250Kb / 6P
Low power switching power supply controller
logo
TiMOTION Technology Co....
TC12 TIMOTION-TC12 Datasheet
1Mb / 8P
Max. output 24VDC, 10A
20230925-P
logo
Kingbright Corporation
TC12-11EWA KINGBRIGHT-TC12-11EWA Datasheet
233Kb / 6P
30 MM 5 X 7 DOT MATRIX DISPLAYS
TC12-11EWA KINGBRIGHT-TC12-11EWA Datasheet
147Kb / 4P
30mm (1.2 INCH) 5x7 DOT MATRIX DISPLAY
TC12-11GWA KINGBRIGHT-TC12-11GWA Datasheet
233Kb / 6P
30 MM 5 X 7 DOT MATRIX DISPLAYS
More results


Similar Description - TC12

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC625 TELCOM-TC625 Datasheet
68Kb / 2P
1-WIRE DIGITAL THERMOMETER
logo
Dallas Semiconductor
DS1722 DALLAS-DS1722 Datasheet
984Kb / 13P
Digital Thermometer with SPI/3-Wire Interface
DS1820 DALLAS-DS1820 Datasheet
151Kb / 27P
1-Wire Digital Thermometer
DS18S20 DALLAS-DS18S20 Datasheet
136Kb / 27P
High Precision 1-Wire Digital Thermometer
DS1822 DALLAS-DS1822 Datasheet
268Kb / 20P
Econo 1-Wire Digital Thermometer
DS18B20X DALLAS-DS18B20X Datasheet
184Kb / 21P
Flipchip 1-Wire Digital Thermometer
logo
Maxim Integrated Produc...
DS1722 MAXIM-DS1722 Datasheet
324Kb / 14P
Digital Thermometer with SPI/3-Wire Interface
103007
DS1822 MAXIM-DS1822 Datasheet
222Kb / 21P
Econo 1-Wire Digital Thermometer
101107
DS18B20 MAXIM-DS18B20_08 Datasheet
261Kb / 22P
1-Wire Digital Thermometer
REV: 042208
DS1822 MAXIM-DS1822_V01 Datasheet
252Kb / 21P
Econo 1-Wire Digital Thermometer
2015
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com