Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC12 Datasheet(PDF) 1 Page - TelCom Semiconductor, Inc

Part # TC12
Description  LOW COST, ONE WIRE DIGITAL THERMOMETER WITH SHUTDOWN
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC12 Datasheet(HTML) 1 Page - TelCom Semiconductor, Inc

  TC12 Datasheet HTML 1Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2-31
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
PRELIMINARY INFORMATION
TC12
GENERAL DESCRIPTION
The TC12 is a monolithic temperature sensor that
outputs a pulse waveform whose duty cycle varies in direct
proportion to measured temperature. This output format is
easily converted to binary data using logic or the counter/
timer circuit on-board the system microcontroller. Typical
accuracy is
±1°C over the rated measurement range of
– 40
°C to +125°C. It operates from supply voltages as low
as 2.7V.
Unlike voltage output temperature sensors, the digital
output of the TC12 offers superior immunity to system noise
and does not require an A/D converter. Unlike two wire serial
temperature sensors, the TC12 communicates over a single
wire, and without complex serial protocol overhead.
LOW COST, ONE WIRE DIGITAL THERMOMETER WITH SHUTDOWN
PIN CONFIGURATION
FEATURES
s
Single Wire Interface to Host Microcontroller
s
High Precision .................
±1°C Accuracy (Typical)
s
Wide Measurement Range .......... – 40
°C to +125°C
s
No External Components Required
s
Complimentary (TC12C) or Open Drain Outputs
(TC12N)
s
Low Voltage Operation ........................ 2.7V to 5.5V
s
Small Package ........................................ SOT-23A-5
s
Low Cost
s
Shutdown Input
APPLICATIONS
s
Notebook Computers
s
File Servers
s
Desktop Computers
ORDERING INFORMATION
Part No.
Package
Temp. Range Output Config.
TC12CVCT
SOT-23A-5* – 40
°C to +125°C
Complimentary
TC12NVCT
SOT-23A-5* – 40
°C to +125°C
Open Drain
TC625EV
Evaluation Kit for the TC12 and TC625
NOTE: *SOT-23A-5 is equivalent to EIAJ (SC-74).
TC12-01 11/13/96
VDD
NC
DOUT
GND
SHDN
NOTE: *SOT-23A-5 is equivalent to EIAJ (SC-74)
SOT-23A-5*
(Top View)
1
2
3
4
5
TC12CVCT
TC12NVCT
FUNCTIONAL BLOCK DIAGRAM
TYPICAL APPLICATION
TEMPERATURE
TO VOLTAGE
CONVERTER
DELTA SIGMA
MODULATOR
VDD
DOUT
SHDN
TC12
I/O
MICRO
CONTROLLER
MEASUREMENT
ZONE
2.7V to 5.5V
TC12
EVALUATION
KIT
AVAILABLE


Similar Part No. - TC12

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
TC12 FUMAN-TC12 Datasheet
250Kb / 6P
Low power switching power supply controller
logo
TiMOTION Technology Co....
TC12 TIMOTION-TC12 Datasheet
1Mb / 8P
Max. output 24VDC, 10A
20230925-P
logo
Kingbright Corporation
TC12-11EWA KINGBRIGHT-TC12-11EWA Datasheet
233Kb / 6P
30 MM 5 X 7 DOT MATRIX DISPLAYS
TC12-11EWA KINGBRIGHT-TC12-11EWA Datasheet
147Kb / 4P
30mm (1.2 INCH) 5x7 DOT MATRIX DISPLAY
TC12-11GWA KINGBRIGHT-TC12-11GWA Datasheet
233Kb / 6P
30 MM 5 X 7 DOT MATRIX DISPLAYS
More results

Similar Description - TC12

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC625 TELCOM-TC625 Datasheet
68Kb / 2P
1-WIRE DIGITAL THERMOMETER
logo
Dallas Semiconductor
DS1722 DALLAS-DS1722 Datasheet
984Kb / 13P
Digital Thermometer with SPI/3-Wire Interface
DS1820 DALLAS-DS1820 Datasheet
151Kb / 27P
1-Wire Digital Thermometer
DS18S20 DALLAS-DS18S20 Datasheet
136Kb / 27P
High Precision 1-Wire Digital Thermometer
DS1822 DALLAS-DS1822 Datasheet
268Kb / 20P
Econo 1-Wire Digital Thermometer
DS18B20X DALLAS-DS18B20X Datasheet
184Kb / 21P
Flipchip 1-Wire Digital Thermometer
logo
Maxim Integrated Produc...
DS1722 MAXIM-DS1722 Datasheet
324Kb / 14P
Digital Thermometer with SPI/3-Wire Interface
103007
DS1822 MAXIM-DS1822 Datasheet
222Kb / 21P
Econo 1-Wire Digital Thermometer
101107
DS18B20 MAXIM-DS18B20_08 Datasheet
261Kb / 22P
1-Wire Digital Thermometer
REV: 042208
DS1822 MAXIM-DS1822_V01 Datasheet
252Kb / 21P
Econo 1-Wire Digital Thermometer
2015
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com