Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSHA6201 Datasheet (PDF) - Vishay Siliconix

TSHA6201 Datasheet PDF - Vishay Siliconix
Part # TSHA6201
Download  TSHA6201 Download
File Size   87.93 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description GaAlAs Infrared Emitting Diodes in ø 5 mm (T–13/4) Package

TSHA6201 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSHA6201 Datasheet PDF - Vishay Siliconix

Part # TSHA6201
Download  TSHA6201 Click to download

File Size   87.93 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description GaAlAs Infrared Emitting Diodes in ø 5 mm (T–13/4) Package

TSHA6201 Datasheet (HTML) - Vishay Siliconix




Similar Part No. - TSHA6201

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSHA6201 VISHAY-TSHA6201 Datasheet
122Kb / 6P
Infrared Emitting Diode, RoHS Compliant, 875 nm, GaAlAs
05-Sep-08
TSHA6201 VISHAY-TSHA6201 Datasheet
115Kb / 6P
Infrared Emitting Diode, 875 nm, GaAlAs
25-Jun-09
TSHA6201 VISHAY-TSHA6201 Datasheet
109Kb / 6P
Infrared Emitting Diode, 875 nm, GaAlAs
24-Aug-11
TSHA6201 VISHAY-TSHA6201 Datasheet
108Kb / 6P
Infrared Emitting Diode, 875 nm, GaAlAs
24-Aug-11
TSHA6201 VISHAY-TSHA6201 Datasheet
107Kb / 6P
Infrared Emitting Diode, 875 nm, GaAlAs
24-Aug-11
More results


Similar Description - TSHA6201

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSAL6200 VISHAY-TSAL6200 Datasheet
82Kb / 5P
GaAs/GaAlAs IR Emitting Diode in 짰5 mm (T-13/4) Package
20-May-99
TSAL7300 VISHAY-TSAL7300 Datasheet
83Kb / 6P
GaAs/GaAlAs IR Emitting Diode in 짰5 mm (T-13/4) Package
20-May-99
TSFF5400 VISHAY-TSFF5400 Datasheet
86Kb / 6P
High Speed IR Emitting Diode in ø 5 mm (T–13/4) Package
29-Jun-99
TSHA440 VISHAY-TSHA440 Datasheet
83Kb / 5P
GaAlAs Infrared Emitting Diodes in ø 3 mm (T–1) Package
20-May-99
TSHA520 VISHAY-TSHA520 Datasheet
89Kb / 6P
GaAlAs Infrared Emitting Diodes in ø 5 mm (T–13/4) Package
20-May-99
TSHA650 VISHAY-TSHA650 Datasheet
88Kb / 6P
GaAlAs Infrared Emitting Diodes in ø 5 mm (T–13/4) Package
20-May-99
TSHF5400 VISHAY-TSHF5400 Datasheet
84Kb / 6P
High Speed IR Emitting Diode in ø 5 mm (T–13/4) Package
02-Aug-99
TSPF5400 VISHAY-TSPF5400 Datasheet
85Kb / 6P
High Speed IR Emitting Diode in ø 5 mm (T–13/4) Package
20-May-99
TSUS520 VISHAY-TSUS520 Datasheet
86Kb / 6P
GaAs Infrared Emitting Diodes in ø 5 mm (T–1 3/4) Package
20-May-99
TSUS540 VISHAY-TSUS540 Datasheet
86Kb / 6P
GaAs Infrared Emitting Diodes in 5 mm (T-13/4)Package
20-May-99
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com