Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSHA6201 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TSHA6201
Description  GaAlAs Infrared Emitting Diodes in ø 5 mm (T–13/4) Package
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSHA6201 Datasheet(HTML) 1 Page - Vishay Siliconix

  TSHA6201 Datasheet HTML 1Page - Vishay Siliconix TSHA6201 Datasheet HTML 2Page - Vishay Siliconix TSHA6201 Datasheet HTML 3Page - Vishay Siliconix TSHA6201 Datasheet HTML 4Page - Vishay Siliconix TSHA6201 Datasheet HTML 5Page - Vishay Siliconix TSHA6201 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TSHA620.
Vishay Telefunken
1 (6)
Rev. 2, 20-May-99
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 81021
GaAlAs Infrared Emitting Diodes in ø 5 mm (T–1
¾)
Package
Description
The TSHA620. series are high efficiency infrared emit-
ting diodes in GaAlAs on GaAlAs technology, molded
in a clear, untinted plastic package.
In comparison with the standard GaAs on GaAs
technology these high intensity emitters feature about
70 % radiant power improvement.
In contrast to the TSHA520. series lead stand–offs are
omitted.
Features
D Extra high radiant power and radiant intensity
D Suitable for high pulse current operation
D Standard T–1¾ (ø 5 mm) package
D Leads formed without stand–off
D Angle of half intensity ϕ = ± 12°
D Peak wavelength lp = 875 nm
D High reliability
D Good spectral matching to Si photodetectors
94 8389
Applications
Infrared remote control and free air transmission systems with high power and long transmission distance re-
quirements in combination with PIN photodiodes or phototransistors.
Because of the reduced radiance absorption in glass at the wavelength of 875 nm, this emitter series is also
suitable for systems with panes in the transmission range between emitter and detector.
Absolute Maximum Ratings
Tamb = 25_C
Parameter
Test Conditions
Symbol
Value
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
100
mA
Peak Forward Current
tp/T = 0.5, tp = 100 ms
IFM
200
mA
Surge Forward Current
tp = 100 ms
IFSM
2.5
A
Power Dissipation
PV
210
mW
Junction Temperature
Tj
100
°C
Operating Temperature Range
Tamb
–55...+100
°C
Storage Temperature Range
Tstg
–55...+100
°C
Soldering Temperature
t
x 5sec, 2 mm from case
Tsd
260
°C
Thermal Resistance Junction/Ambient
RthJA
350
K/W


Similar Part No. - TSHA6201

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSHA6201 VISHAY-TSHA6201 Datasheet
122Kb / 6P
Infrared Emitting Diode, RoHS Compliant, 875 nm, GaAlAs
05-Sep-08
TSHA6201 VISHAY-TSHA6201 Datasheet
115Kb / 6P
Infrared Emitting Diode, 875 nm, GaAlAs
25-Jun-09
TSHA6201 VISHAY-TSHA6201 Datasheet
109Kb / 6P
Infrared Emitting Diode, 875 nm, GaAlAs
24-Aug-11
TSHA6201 VISHAY-TSHA6201 Datasheet
108Kb / 6P
Infrared Emitting Diode, 875 nm, GaAlAs
24-Aug-11
TSHA6201 VISHAY-TSHA6201 Datasheet
107Kb / 6P
Infrared Emitting Diode, 875 nm, GaAlAs
24-Aug-11
More results

Similar Description - TSHA6201

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSAL6200 VISHAY-TSAL6200 Datasheet
82Kb / 5P
GaAs/GaAlAs IR Emitting Diode in 짰5 mm (T-13/4) Package
20-May-99
TSAL7300 VISHAY-TSAL7300 Datasheet
83Kb / 6P
GaAs/GaAlAs IR Emitting Diode in 짰5 mm (T-13/4) Package
20-May-99
TSFF5400 VISHAY-TSFF5400 Datasheet
86Kb / 6P
High Speed IR Emitting Diode in ø 5 mm (T–13/4) Package
29-Jun-99
TSHA440 VISHAY-TSHA440 Datasheet
83Kb / 5P
GaAlAs Infrared Emitting Diodes in ø 3 mm (T–1) Package
20-May-99
TSHA520 VISHAY-TSHA520 Datasheet
89Kb / 6P
GaAlAs Infrared Emitting Diodes in ø 5 mm (T–13/4) Package
20-May-99
TSHA650 VISHAY-TSHA650 Datasheet
88Kb / 6P
GaAlAs Infrared Emitting Diodes in ø 5 mm (T–13/4) Package
20-May-99
TSHF5400 VISHAY-TSHF5400 Datasheet
84Kb / 6P
High Speed IR Emitting Diode in ø 5 mm (T–13/4) Package
02-Aug-99
TSPF5400 VISHAY-TSPF5400 Datasheet
85Kb / 6P
High Speed IR Emitting Diode in ø 5 mm (T–13/4) Package
20-May-99
TSUS520 VISHAY-TSUS520 Datasheet
86Kb / 6P
GaAs Infrared Emitting Diodes in ø 5 mm (T–1 3/4) Package
20-May-99
TSUS540 VISHAY-TSUS540 Datasheet
86Kb / 6P
GaAs Infrared Emitting Diodes in 5 mm (T-13/4)Package
20-May-99
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com