Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT9110 Datasheet (PDF) - Cadeka Microcircuits LLC.

SPT9110 Datasheet PDF - Cadeka Microcircuits LLC.
Part # SPT9110
Download  SPT9110 Download
File Size   212.33 Kbytes
Page   11 Pages
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.
Description 100 MSPS SINGLE-TO-DIFFERENTIAL TRACK-AND-HOLD

SPT9110 Datasheet (PDF)

Go To PDF Page Download Datasheet
SPT9110 Datasheet PDF - Cadeka Microcircuits LLC.

Part # SPT9110
Download  SPT9110 Click to download

File Size   212.33 Kbytes
Page   11 Pages
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.
Description 100 MSPS SINGLE-TO-DIFFERENTIAL TRACK-AND-HOLD

SPT9110 Datasheet (HTML) - Cadeka Microcircuits LLC.


SPT9110 Product details

GENERAL DESCRIPTION
The SPT9110 is a single-to-differential track-and-hold amplifier. It can be operated as a single-end THA only or, in full configuration, as a single-to-differential THA. An internal reference provides the common-mode voltage for the single-to-differential output stage. The THA, inverter and reference have separate power supply pins so each can be optionally powered up and used.

FEATURES
• 400 MHz Sampling Bandwidth
• 100 MHz Sampling Rate
• Excellent Hold Mode Distortion
    -66 dB @ 50 MSPS (fIN = 25 MHz)
    -58 dB @ 100 MSPS (fIN = 50 MHz)
• Track Mode Slew Rate: 700 V/µs
• Low Power: 120 mW Differential Mode
                       75 mW Single-Ended Mode
• Single +5 V Supply
• Internal +2.5 V Reference

APPLICATIONS
• THA for Differential ADCs
• RF Demodulation Systems
• Test Instrumentation
• Digital Sampling Oscilloscopes




Similar Part No. - SPT9110

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPT9110 ETC-SPT9110 Datasheet
124Kb / 11P
100 MSPS SINGLE-TO-DIFFERENTIAL TRACK-AND-HOLD
SPT9110SIS ETC-SPT9110SIS Datasheet
124Kb / 11P
100 MSPS SINGLE-TO-DIFFERENTIAL TRACK-AND-HOLD
More results


Similar Description - SPT9110

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9100 AD-AD9100 Datasheet
440Kb / 12P
Ultrahigh Speed Monolithic Track-and-Hold
HTC-0300A AD-HTC-0300A Datasheet
1Mb / 4P
Ultrahigh-Speed Hybrid Track-and-Hold Amplifiers
logo
Burr-Brown (TI)
SHC605 BURR-BROWN-SHC605 Datasheet
200Kb / 15P
High-Speed Operational TRACK-AND-HOLD AMPLIFIER
logo
Analog Devices
AD389 AD-AD389 Datasheet
2Mb / 6P
HIGH RESOLUTION TRACK-AND-HOLD AMPLIFIER
logo
List of Unclassifed Man...
SPT9110 ETC-SPT9110 Datasheet
124Kb / 11P
100 MSPS SINGLE-TO-DIFFERENTIAL TRACK-AND-HOLD
logo
Fairchild Semiconductor
SPT9101 FAIRCHILD-SPT9101 Datasheet
58Kb / 8P
125 MSPS SAMPLE-AND-HOLD AMPLIFIER
logo
Hittite Microwave Corpo...
HMC760LC4B HITTITE-HMC760LC4B Datasheet
1Mb / 14P
WIDEBAND 4 GS/s TRACK-AND-HOLD AMPLIFIER
logo
Analog Devices
AD389 AD-AD389_15 Datasheet
3Mb / 6P
HIGH RESOLUTION TRACK AND HOLD AMPLIFIER
AD9100 AD-AD9100_15 Datasheet
440Kb / 12P
Ultrahigh Speed Monolithic Track-and-Hold
REV. B
HTS-0010 AD-HTS-0010_15 Datasheet
744Kb / 6P
Ultra High Speed Hybrid Track and Hold Ampligiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com