Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9100 Datasheet (PDF) - Analog Devices

AD9100 Datasheet PDF - Analog Devices
Part # AD9100
Download  AD9100 Download
File Size   440.82 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Ultrahigh Speed Monolithic Track-and-Hold

AD9100 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9100 Datasheet PDF - Analog Devices

Part # AD9100
Download  AD9100 Click to download

File Size   440.82 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Ultrahigh Speed Monolithic Track-and-Hold

AD9100 Datasheet (HTML) - Analog Devices


AD9100 Product details

GENERAL DESCRIPTION
The AD9100 is a monolithic track-and-hold amplifier which sets a new standard for high speed and high dynamic range applications. It is fabricated in a mature high speed complementary bipolar process. In addition to innovative design topologies, a custom package is utilized to minimize parasitics and optimize dynamic performance.

FEATURES
   Excellent Hold Mode Distortion into 250 V
      –88 dB @ 30 MSPS (2.3 MHz VIN)
      –83 dB @ 30 MSPS (12.1 MHz VIN)
      –74 dB @ 30 MSPS (19.7 MHz VIN)
   16 ns Acquisition Time to 0.01%
   <1 ps Aperture Jitter
   250 MHz Tracking Bandwidth
   83 dB Feedthrough Rejection @ 20 MHz
   3.3 nV/√Hz Spectral Noise Density
   MlL-STD-Compliant Versions Available

APPLICATIONS
   A/D Conversion
   Direct IF Sampling
   Imaging/FLIR Systems
   Peak Detectors
   Radar/EW/ECM
   Spectrum Analysis
   CCD ATE




Similar Part No. - AD9100

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9100 AD-AD9100_15 Datasheet
440Kb / 12P
Ultrahigh Speed Monolithic Track-and-Hold
REV. B
More results


Similar Description - AD9100

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HTC-0300A AD-HTC-0300A Datasheet
1Mb / 4P
Ultrahigh-Speed Hybrid Track-and-Hold Amplifiers
HTS-0010 AD-HTS-0010 Datasheet
739Kb / 6P
Ultra High Speed Hybird Track-and Hold Amplifiers
HTS-0025 AD-HTS-0025 Datasheet
1Mb / 6P
Ultra High Speed Hybird Track-and Hold Amplifiers
logo
Burr-Brown (TI)
SHC605 BURR-BROWN-SHC605 Datasheet
200Kb / 15P
High-Speed Operational TRACK-AND-HOLD AMPLIFIER
logo
List of Unclassifed Man...
MN374 ETC1-MN374 Datasheet
472Kb / 5P
HIGH-SPEED HIGH-RESOLUTION TRACK-HOLD AMPLIFIER
logo
Integrated Circuit Syst...
MN346 ICST-MN346 Datasheet
813Kb / 4P
High Speed Track-hold Amplifiers
logo
API Technologies Corp
MN346 APITECH-MN346 Datasheet
818Kb / 4P
High Speed Track-hold Amplifiers
logo
Analog Devices
AD9100 AD-AD9100_15 Datasheet
440Kb / 12P
Ultrahigh Speed Monolithic Track-and-Hold
REV. B
HTS-0010 AD-HTS-0010_15 Datasheet
744Kb / 6P
Ultra High Speed Hybrid Track and Hold Ampligiers
HTS-0025 AD-HTS-0025_15 Datasheet
1Mb / 6P
Ultra High Speed Hybrid Track and Hold Amplifiers
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com