Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9100 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9100
Description  Ultrahigh Speed Monolithic Track-and-Hold
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9100 Datasheet(HTML) 1 Page - Analog Devices

  AD9100 Datasheet HTML 1Page - Analog Devices AD9100 Datasheet HTML 2Page - Analog Devices AD9100 Datasheet HTML 3Page - Analog Devices AD9100 Datasheet HTML 4Page - Analog Devices AD9100 Datasheet HTML 5Page - Analog Devices AD9100 Datasheet HTML 6Page - Analog Devices AD9100 Datasheet HTML 7Page - Analog Devices AD9100 Datasheet HTML 8Page - Analog Devices AD9100 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
FUNCTIONAL BLOCK DIAGRAM
A1
VIN
CLK
CLK
A2
SWITCH
50
AD9100
2.3V
CLAMP
CHOLD
22pF
VOUT
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
Ultrahigh Speed
Monolithic Track-and-Hold
AD9100*
FEATURES
Excellent Hold Mode Distortion into 250
–88 dB @ 30 MSPS (2.3 MHz VIN)
–83 dB @ 30 MSPS (12.1 MHz VIN)
–74 dB @ 30 MSPS (19.7 MHz VIN)
16 ns Acquisition Time to 0.01%
<1 ps Aperture Jitter
250 MHz Tracking Bandwidth
83 dB Feedthrough Rejection @ 20 MHz
3.3 nV/
√Hz Spectral Noise Density
MlL-STD-Compliant Versions Available
APPLICATIONS
A/D Conversion
Direct IF Sampling
Imaging/FLIR Systems
Peak Detectors
Radar/EW/ECM
Spectrum Analysis
CCD ATE
GENERAL DESCRIPTION
The AD9100 is a monolithic track-and-hold amplifier which
sets a new standard for high speed and high dynamic range
applications. It is fabricated in a mature high speed complemen-
tary bipolar process. In addition to innovative design topologies,
a custom package is utilized to minimize parasitics and optimize
dynamic performance.
Acquisition time (hold to track) is 13 ns to 0.1% accuracy, and
16 ns to 0.01%. The AD9100 boasts superlative hold-mode
frequency domain performance; when sampling at 30 MSPS
hold mode distortion is less than 83 dBfs for analog frequencies
up to 12 MHz; and –74 dBfs at 20 MHz. The AD9100 can also
drive capacitive loads up to 100 pF with little degradation in
acquisition time; it is therefore well suited to drive 8- and 10-bit
flash converters at clock speeds to 50 MSPS. With a spectral
noise density of 3.3 nV/
√Hz and feedthrough rejection of 83 dB
at 20 MHz, the AD9100 is well suited to enhance the dynamic
range of many 8- to 16-bit systems.
The AD9100 is “user friendly” and easy to apply: (1) it requires
+5 V/–5.2 V power supplies; (2) the hold capacitor and switch
power supply decoupling capacitors are built into the DIP pack-
age; (3) the encode clock is differential ECL to minimize clock
jitter; (4) the input resistance is typically 800 k
Ω; (5) the analog
input is internally clamped to prevent damage from voltage
transients.
The AD9100 is available in a 20-lead side-brazed “skinny DIP”
package. Commercial, industrial, and military temperature
grade parts are available. Consult the factory for information
about the availability of 883-qualified devices.
PRODUCT HIGHLIGHTS
1. Hold Mode Distortion is guaranteed.
2. Monolithic construction.
3. Analog input is internally clamped to protect against over-
voltage transients and ensure fast recovery.
4. Output is short circuit protected.
5. Drives capacitive loads to 100 pF.
6. Differential ECL clock inputs.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1998
*Patent pending.


Similar Part No. - AD9100

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9100 AD-AD9100_15 Datasheet
440Kb / 12P
Ultrahigh Speed Monolithic Track-and-Hold
REV. B
More results

Similar Description - AD9100

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HTC-0300A AD-HTC-0300A Datasheet
1Mb / 4P
Ultrahigh-Speed Hybrid Track-and-Hold Amplifiers
HTS-0010 AD-HTS-0010 Datasheet
739Kb / 6P
Ultra High Speed Hybird Track-and Hold Amplifiers
HTS-0025 AD-HTS-0025 Datasheet
1Mb / 6P
Ultra High Speed Hybird Track-and Hold Amplifiers
logo
Burr-Brown (TI)
SHC605 BURR-BROWN-SHC605 Datasheet
200Kb / 15P
High-Speed Operational TRACK-AND-HOLD AMPLIFIER
logo
List of Unclassifed Man...
MN374 ETC1-MN374 Datasheet
472Kb / 5P
HIGH-SPEED HIGH-RESOLUTION TRACK-HOLD AMPLIFIER
logo
Integrated Circuit Syst...
MN346 ICST-MN346 Datasheet
813Kb / 4P
High Speed Track-hold Amplifiers
logo
API Technologies Corp
MN346 APITECH-MN346 Datasheet
818Kb / 4P
High Speed Track-hold Amplifiers
logo
Analog Devices
AD9100 AD-AD9100_15 Datasheet
440Kb / 12P
Ultrahigh Speed Monolithic Track-and-Hold
REV. B
HTS-0010 AD-HTS-0010_15 Datasheet
744Kb / 6P
Ultra High Speed Hybrid Track and Hold Ampligiers
HTS-0025 AD-HTS-0025_15 Datasheet
1Mb / 6P
Ultra High Speed Hybrid Track and Hold Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com