Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9100 Datasheet(PDF) 11 Page - Analog Devices

Part # AD9100
Description  Ultrahigh Speed Monolithic Track-and-Hold
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9100 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9100 Datasheet HTML 4Page - Analog Devices AD9100 Datasheet HTML 5Page - Analog Devices AD9100 Datasheet HTML 6Page - Analog Devices AD9100 Datasheet HTML 7Page - Analog Devices AD9100 Datasheet HTML 8Page - Analog Devices AD9100 Datasheet HTML 9Page - Analog Devices AD9100 Datasheet HTML 10Page - Analog Devices AD9100 Datasheet HTML 11Page - Analog Devices AD9100 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
AD9100
REV. B
–11–
34809(A)
a
0.25 (6.35)
0.25 (6.35)
4 PLACES
3.4
(86.36)
2.5 (63.5)
Figure 26. Bottom of AD9100/PCB Evaluation Board Viewed
from Above
U1
U2
DUT
AD9100
EVALUATION
BOARD
TP3
TP1
W1
W3
W2
J4 CLOCK IN
J2
VOUT
J1
VIN
J3 VBUFF
C12
C13
+VS
GND
–VS
J7
J6
J5
Figure 28. Top of AD9100/PCB Evaluation Board Viewed
from Above
9
7
6
2
8
5
4
3
0
120
60
100
80
20
40
VOUT = 2V p-p
RLOAD = 100
ENCODE = 30 MSPS
tTRACK = 20ns
tHOLD = 13.5ns
ALL HARMONICS
ARE ALIASED
Figure 25. Frequency (500 kHz/Division) Analog Input =
12.1 MHz
0
120
60
100
80
20
40
VOUT = 2V p-p
RLOAD = 100
ENCODE = 30 MSPS
tTRACK = 20ns
tHOLD = 13.5ns
ALL HARMONICS
ARE ALIASED
Figure 27. Frequency (500 kHz/Division) Analog Input =
19.8 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com