Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9100 Datasheet(PDF) 3 Page - Analog Devices

Part # AD9100
Description  Ultrahigh Speed Monolithic Track-and-Hold
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9100 Datasheet(HTML) 3 Page - Analog Devices

  AD9100 Datasheet HTML 1Page - Analog Devices AD9100 Datasheet HTML 2Page - Analog Devices AD9100 Datasheet HTML 3Page - Analog Devices AD9100 Datasheet HTML 4Page - Analog Devices AD9100 Datasheet HTML 5Page - Analog Devices AD9100 Datasheet HTML 6Page - Analog Devices AD9100 Datasheet HTML 7Page - Analog Devices AD9100 Datasheet HTML 8Page - Analog Devices AD9100 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AD9100
REV. B
–3–
EXPLANATION OF TEST LEVELS
Test Level
I
– 100% production tested.
II – 100% production tested at +25
°C, and sample tested at
specified temperatures.
III – Periodically sample tested.
IV – Parameter is guaranteed by design and characterization
testing.
V
– Parameter is a typical value only.
VI – All devices are 100% production tested at +25
°C. 100%
production tested at temperature extremes for extended
temperature devices; sample tested at temperature
extremes for commercial/industrial devices.
ORDERING GUIDE
Temperature
Package
Package
Model*
Range
Description
Option
AD9100JD
0
°C to +70°C
Ceramic DIP
D-20
AD9100AD
–40
°C to +85°C
Ceramic DIP
D-20
AD9100SD
–55
°C to +125°C
Ceramic DIP
D-20
*Consult factory about availability of parts screened to MIL-STD-883.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD9100 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
EVALUATION BOARD ORDERING INFORMATION
Part Number
Description
AD9100/PWB
Printed Wiring Board (Only) of Evaluation
Circuit
AD9100/PCB
Evaluation Board for AD9100T/H, Assembled
and Tested [Order AD9100T/H (DIP)
Separately]
CLOCK
INPUTS
+2V
0V
–2V
ANALOG
INPUT
+2V
0V
–2V
"1"
"0"
CLOCK (PIN #19)
CLOCK
HOLD
TO
TRACK
SWITCH
DELAY
TIME
(4ns)
APERTURE
DELAY
(0.8ns)
"TRACK"
VOLTAGE
LEVEL HELD
"HOLD"
"HOLD"
TRACK TO
HOLD
SETTLING
(7ns)
HOLD CAPACITOR/
ANALOG OUTPUT
OBSERVED AT
HOLD CAPACITOR
OBSERVED AT
ANALOG OUTPUT
ACQUISITION TIME
(16ns)
Figure 1. Timing Diagram (1 ns/div)
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltages (
±V
S) . . . . . . . . . . . . . . . . . . . . . . . . . . .
±6 V
Continuous Output Current . . . . . . . . . . . . . . . . . . . . . 70 mA
Analog Input Voltage
2 . . . . . . . . . . . . . . . . . . . . . . . . . . .
±5 V
Operating Temperature Range (Case)
AD9100JD . . . . . . . . . . . . . . . . . . . . . . . . . . . 0
°C to +70°C
AD9100AD . . . . . . . . . . . . . . . . . . . . . . . . . –25
°C to +85°C
AD9100SD . . . . . . . . . . . . . . . . . . . . . . . . –55
°C to +125°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . +175
°C
Storage Temperature . . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Lead Soldering Temperature (10 sec) . . . . . . . . . . . . . +300
°C
NOTES
1Absolute maximum ratings are limiting values to be applied individually, and
beyond which the serviceability of the circuit may be impaired. Functional
operability is not necessarily implied. Exposure to absolute maximum rating
conditions for an extended period of time may affect device reliability.
2Analog input voltage should not exceed
± V
S.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com