Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9100 Datasheet(PDF) 5 Page - Analog Devices

Part # AD9100
Description  Ultrahigh Speed Monolithic Track-and-Hold
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9100 Datasheet(HTML) 5 Page - Analog Devices

  AD9100 Datasheet HTML 1Page - Analog Devices AD9100 Datasheet HTML 2Page - Analog Devices AD9100 Datasheet HTML 3Page - Analog Devices AD9100 Datasheet HTML 4Page - Analog Devices AD9100 Datasheet HTML 5Page - Analog Devices AD9100 Datasheet HTML 6Page - Analog Devices AD9100 Datasheet HTML 7Page - Analog Devices AD9100 Datasheet HTML 8Page - Analog Devices AD9100 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
50
0
100
30
10
20
20
0
40
80
60
40
C
– pF
LOAD
NO RS NEEDED WHEN
CL IS LESS THAN 6pF
RS
CL
1k
AD9100
Figure 4. Recommended RS vs. CLOAD
for Optimal Settling Times
100ns/DIV
10ns
TRACK
HOLD
TRACK
10ns
Figure 7. Track-to-Hold-to-Track Switch
Transients
58
50
DC
20
56
52
5
54
15
10
INPUT FREQUENCY – MHz
AD9060 + AD9100
C
HOLD
= 10pF
C
HOLD
= 22pF
AIN = 3.5V p-p
ENCODE = 20 MSPS
AD9060
Figure 10. SNR vs. Analog Input
60
10
300
40
20
60
30
DC
50
240
180
120
INPUT FREQUENCY – MHz
Figure 3. Power Supply Rejection
Ratio vs. Frequency
50
0
+125
30
10
+25
20
–50
40
+75
0
TYPICAL
WORST CASE
TEMPERATURE – C
Figure 6. Magnitude of Droop Rate
vs. Temperature
27
AD9100
10
AIN
CH*
THE AD9060 IS A 10-BIT, 75MSPS MONOLITHIC
ADC FROM ANALOG DEVICES.
* THE AD9100XD (DIP) HAS AN INTERNAL 22pF
HOLD CAPACITOR.
AD9060
FFT
PROC
Figure 9.
1.0
10
20
0.1
0.01
12
16
18
14
ns
VOUT = 2V STEP
0.001
Figure 12. Settling Tolerance vs.
Acquisition Time
0
–10
–5
300
60
DC
240
180
120
INPUT FREQUENCY – MHz
Figure 2. Gain vs. Frequency (Track
Mode)
–95
–70
20
–85
–75
4
–80
0
–90
16
12
8
INPUT FREQUENCY – MHz
VO = 2V p-p
ENCODE = 30 MSPS
RL = 250
RL = 100
Figure 5. Worst Hold Mode Harmonic
vs. Analog Input Frequency
58
43
DC
40
53
48
10
20
30
INPUT FREQUENCY – MHz
C
HOLD
=
22pF
AD9060
AIN = 3.5V p-p
ENCODE = 40 MSPS
AD9060 + AD9100
Figure 8. SNR vs. Analog Input
100
2
120
10
INPUT FREQUENCY – MHz
105
55
85
65
75
95
BEYOND
CAPABILITY
OF AVAILABLE
MEASUREMENT
TOOLS
Figure 11. Feedthrough Rejection vs.
Input Frequency
Typical Performance Characteristics–AD9100
REV. B
–5–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com