Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9100 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9100
Description  Ultrahigh Speed Monolithic Track-and-Hold
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9100 Datasheet(HTML) 4 Page - Analog Devices

  AD9100 Datasheet HTML 1Page - Analog Devices AD9100 Datasheet HTML 2Page - Analog Devices AD9100 Datasheet HTML 3Page - Analog Devices AD9100 Datasheet HTML 4Page - Analog Devices AD9100 Datasheet HTML 5Page - Analog Devices AD9100 Datasheet HTML 6Page - Analog Devices AD9100 Datasheet HTML 7Page - Analog Devices AD9100 Datasheet HTML 8Page - Analog Devices AD9100 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AD9100
REV. B
–4–
PIN FUNCTION DESCRIPTIONS/CONNECTIONS
Pin No.
Description
Connection
1–VS
–5.2 V Power Supply
2, 3, 8, 10–13, 17
GND
Common Ground Plane
4VIN
Analog Input Signal
5, 7
–VS
–5.2 V Power Supply
6, 15
BYPASS
0.1
µF to Ground
9VOUT
Track-and-Hold Output
14, 16, 20
+VS
+5 V, Power Supply
18
CLK
Complement ECL Clock
19
CLK
“True” ECL Clock
CHIP PAD ASSIGNMENTS
GND
NC
CLOCK
NC
HOLD CAP
(NOTE 3)
2
3
4
5
6
7
8
9
10
11
12
32
14
15
16
17
18
19
20
21
22
23
24
25
26
28
29
30
31
+VS CAP
(NOTE 1)
CLOCK
GND
NC
BYPASS
(NOTE 2)
AD9100
TOP VIEW
(Not to scale)
+VS
+VS
+VS
+VS
+VS
+VS
BYPASS
(NOTE 2)
+VS
+VOUT
–VS
–VIN
–VS
–VS CAP
(NOTE 1)
–VS
SIZE = 148
63
15 mils
NC = NO CONNECT
NOTES:
1. SUPPLY BYPASS CAPACITOR; 0.01 TO 0.1 F CERAMIC
CONNECTED TO GROUND.
2. 0.01 F CERAMIC CONNECTED BETWEEN PAD 29 AND PAD 31.
3. HOLD CAPACITOR CONNECTED FROM PAD 4 AND PAD 5 TO
GROUND; 10–100pF, NOMINALLY 22pF. DIP PACKAGE DOES NOT
REQUIRE EXTERNAL HOLD CAPACITOR.
1
13
27
BYPASS
–VS
GND
+VS
CLK
–VS
–VS
+VS
BYPASS
+VS
GND
VIN
CLK
GND
GND
GND
VOUT
GND
GND
GND
TOP VIEW
(Not to Scale)
AD9100
PIN CONFIGURATION
20-Lead Side-Brazed Ceramic DIP
TERMINOLOGY
Analog Delay is the time required for an analog input signal to
propagate from the device input to output.
Aperture Delay tells when the input signal is actually sampled.
It is the time difference between the analog propagation delay of
the front-end buffer and the control switch delay time. (The
time from the hold command transition to when the switch is
opened.) For the AD9100, this is a positive value which means
that the switch delay is longer than the analog delay.
Aperture Jitter is the random variation in the aperture delay.
This is measured in ps-rms and results in phase noise on the
held signal.
Droop Rate is the change in output voltage as a function of
time (dV/dt). It is measured at the AD9100 output with the
device in hold mode and the input held at a specified dc value,
the measurement starts immediately after the T/H switches from
track to hold. Feedthrough Rejection is the ratio of the input
signal to the output signal when in hold mode. This is a mea-
sure of how well the switch isolates the input signal from feeding
through to the output.
Hold-to-Track Switch Delay is the time delay from the track
command to the point when the output starts to change and
acquire a new signal.
Pedestal Offset is the offset voltage step measured immediately
after the AD9100 is switched from track to hold with the input
held at zero volts. It manifests itself as an added offset during
the hold time.
Track-to-Hold Settling Time is the time necessary for the
track to hold switching transient to settle to within 1 mV of its
final value.
Track-to-Hold Switching Transient is the maximum peak
switch induced transient voltage which appears at the AD9100
output when it is switched from track to hold.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com