Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9100 Datasheet(PDF) 2 Page - Analog Devices

Part # AD9100
Description  Ultrahigh Speed Monolithic Track-and-Hold
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9100 Datasheet(HTML) 2 Page - Analog Devices

  AD9100 Datasheet HTML 1Page - Analog Devices AD9100 Datasheet HTML 2Page - Analog Devices AD9100 Datasheet HTML 3Page - Analog Devices AD9100 Datasheet HTML 4Page - Analog Devices AD9100 Datasheet HTML 5Page - Analog Devices AD9100 Datasheet HTML 6Page - Analog Devices AD9100 Datasheet HTML 7Page - Analog Devices AD9100 Datasheet HTML 8Page - Analog Devices AD9100 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
REV. B
–2–
AD9100–SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
Test
AD9100JD/AD/SD
1
Parameter
Conditions
Temp
Level
Min
Typ
Max
Units
DC ACCURACY
Gain
∆V
IN = 2 V
Full
VI
0.989
0.994
V/V
Offset
VIN = 0 V
Full
VI
–5
±1+5
mV
Output Resistance
25
°C
V
0.4
Output Drive Capability
Full
VI
±40
±60
mA
PSRR
∆V
S = 0.5 V p-p
Full
VI
48
55
dB
Pedestal Sensitivity to Supply
∆V
S = 0.5 V p-p
Full
VI
0.9
3
mV/V
ANALOG INPUT/OUTPUT
Output Voltage Range
Full
VI
+2
±2.2
–2
V
Input Bias Current
25
°CVI
–8
±3+8
µA
Full
VI
–16
+16
µA
Input Overdrive Current
2
VIN = ± 4 V; RIN = 50 Ω
25
°CV
±22
mA
Input Capacitance
25
°C
V
1.2
pF
Input Resistance
25
°C, T
MAX
VI
350
800
k
TMIN
VI
200
k
CLOCK/
CLOCK INPUTS
Input Bias Current
CL/
CL = –1.0 V
Full
VI
4
5
mA
Input Low Voltage (VIL)
Full
VI
–1.8
–1.5
V
Input High Voltage (VIH)
Full
VI
–1.0
–0.8
V
TRACK MODE DYNAMICS
Bandwidth (–3 dB)
VOUT
≤ 0.4 V p-p
Full
IV
150
250
MHz
Slew Rate
4 V Step
25
°C
IV
550
850
V/
µs
4 V Step
Full
IV
500
V/
µs
Overdrive Recovery Time
2 (to 0.1%)
VIN = ± 4 V to 0 V
25
°CV
21
ns
2nd Harm. Dist. (20 MHz, 2 V p-p)
Full
V
–65
dBc
3rd Harm. Dist. (20 MHz, 2 V p-p)
Full
V
–75
dBc
Integrated Output Noise (1-200 MHz)
25
°CV
45
µV
RMS Spectral Noise @ 10 MHz
25
°C
V
3.3
nV/
√Hz
HOLD MODE DYNAMICS
Worst Harmonic (2.3 MHz, 30 MSPS)
VOUT = 2 V p-p
25
°C
V
–83
dBfs
Worst Harmonic (12.1 MHz, 30 MSPS)
VOUT = 2 V p-p
25
°C
IV
–80
–72
dBfs
Worst Harmonic (12.1 MHz, 30 MSPS)
VOUT = 2 V p-p
TMAX
IV
–70
dBfs
Worst Harmonic (12.1 MHz, 30 MSPS)
VOUT = 2 V p-p
TMIN
IV
–77
–68
dBfs
Worst Harmonic (19.7 MHz, 30 MSPS)
VOUT = 2 V p-p
25
°C
V
–74
dBfs
Hold Noise
3
25
°C
V
300
tH
V/s rms
Droop Rate
4
VIN = 0 V
25
°CVI
1
10
±mV/µs
TMIN
VI
7
40
±mV/µs
TMAX
VI
5
30
±mV/µs
Feedthrough Rejection (20 MHz)
VIN = 2 V p-p
Full
V
83
dB
TRACK-TO-HOLD SWITCHING
Aperture Delay
25
°C
V
+800
ps
Aperture Jitter
25
°CV
<1ps
Pedestal Offset
VIN = 0 V
25
°CVI
–8
±1+8
mV
Full
VI
–10
+10
mV
Transient Amplitude
VIN = 0 V
Full
V
±6mV
Settling Time to 1 mV
Full
IV
7
10
ns
Glitch Product
VIN = 0 V
25
°C
V
15
pV-s
HOLD-TO-TRACK SWITCHING
Acquisition Time to 0.1%
2 V Step
25
°CV
13
ns
Acquisition Time to 0.01%
2 V Step
Full
IV
16
23
ns
Acquisition Time to 0.01%
4 V Step
25
°CV
20
ns
POWER SUPPLY
Power Dissipation
Full
VI
1.05
1.25
W
+VS Current
Full
VI
96
118
mA
–VS Current
Full
VI
116
132
mA
NOTES
1AD9100JD: 0
°C to +70°C. AD9100AD: –40°C to +85°C. AD9100SD: –55°C to +125°C. DIP θ
JA = 38°C/W; this is valid with the device mounted flush to a
grounded 2 oz. copper clad board with 16 sq. inches of surface area and no air flow.
2The input to the AD9100 is internally clamped at
± 2.3 V. The internal input series resistance is nominally 50 Ω.
3Hold mode noise is proportional to the length of time a signal is held. For example, if the hold time (t
H) is 20 ns, the accumulated noise is typically 6 µV (300 V/s
20 ns). This value must be combined with the track mode noise to obtain total noise.
4Min and max droop rates are based on the military temperature range (–55
°C to +125°C). Refer to the “Droop Rate vs Temperature” chart for min/max limits over
the commercial and industrial ranges.
Specifications subject to change without notice.
(unless otherwise noted, +VS = +5 V; –VS = –5.2 V; RLOAD = 100
; RIN = 50
)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com