Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT9110 Datasheet(PDF) 4 Page - Cadeka Microcircuits LLC.

Part # SPT9110
Description  100 MSPS SINGLE-TO-DIFFERENTIAL TRACK-AND-HOLD
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT9110 Datasheet(HTML) 4 Page - Cadeka Microcircuits LLC.

  SPT9110 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT9110 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT9110 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT9110 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT9110 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT9110 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT9110 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT9110 Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT9110 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
11/12/98
SPT9110
TEST LEVEL CODES
All electrical characteristics are subject to the
following conditions: All parameters having min/
max specifications are guaranteed. The Test
Level column indicates the specific device test-
ing actually performed during production and
Quality Assurance inspection. Any blank sec-
tion in the data column indicates that the speci-
fication is not tested at the specified condition.
TEST LEVEL
I
II
III
IV
V
VI
TEST PROCEDURE
100% production tested at the specified temperature.
100% production tested at TA = +25 °C, and sample
tested at the specified temperatures.
QA sample tested only at the specified temperatures.
Parameter is guaranteed (but not tested) by design
and characterization data.
Parameter is a typical value for information purposes
only.
100% production tested at TA = +25 °C. Parameter is
guaranteed over specified temperature range.
ELECTRICAL SPECIFICATIONS
AVCC = +5.0 V, AGND = 0.0 V, RLoad = 1 kΩ and 10 pF, VIN = 2.0 Vp-p, Internal Reference, unless otherwise specified.
TEST
TEST
SPT9110
PARAMETERS
CONDITIONS
LEVEL
MIN
TYP
MAX
UNITS
Hold-to-Track Switching8
Acquisition Time to 0.1%
+25
°C
V
3.5
ns
1 V Output Step
Acquisition Time to 0.025%
+25
°C
V
4.0
ns
1 V Output Step
Power Supplies
Supply Voltage
IV
4.75
5
5.25
V
Supply Current
Single Ended Output Mode9I
15
20
mA
Differential Output Mode
I
24
30
mA
Power Dissipation
Single Ended Output Mode9I
75
100
mW
Differential Output Mode
I
120
150
mW
Power Supply Rejection Ratio
+25
°C
V
44
dB
Single-Ended Output
∆VCC = 0.5 VP-P
8. Measured at the hold capacitor.
9. Inverter powered down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com