Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT9110 Datasheet(PDF) 7 Page - Cadeka Microcircuits LLC.

Part # SPT9110
Description  100 MSPS SINGLE-TO-DIFFERENTIAL TRACK-AND-HOLD
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT9110 Datasheet(HTML) 7 Page - Cadeka Microcircuits LLC.

Back Button SPT9110 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT9110 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT9110 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT9110 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT9110 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT9110 Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT9110 Datasheet HTML 9Page - Cadeka Microcircuits LLC. SPT9110 Datasheet HTML 10Page - Cadeka Microcircuits LLC. SPT9110 Datasheet HTML 11Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
11/12/98
SPT9110
Figure 3 - Typical Interface Circuit (Single-Ended Operational Design)
N/C
N/C
5
6
7
8
A+5V
1
2
3
4
Q0
GND
DO
VCC
D1
Q1
GND(Ref)
REF OUT
REF IN
GND(THA)
GND(SUB)
GND(CAP)
Analog IN
GND(THA)
GND(THA)
GND(THA)
GND(THA)
AVCC(Ref)
GND(SUB)
GND(INV)
CLK
AVCC(THA)
OUT+
OUT-
INV A
INV B
AVCC(INV)
AVCC(ESD)
AVCC(THA)
AVCC(THA)
AVCC(THA)
AVCC(THA)
AVCC(INV)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
10
300
50
50
1 µF
0.01 µF
A+5V
0.1 µF
TTL Clock
(Sample Clock, up to 100 MHz)
(+3.0 V)
A+5V
A+5V
OUT
4.7 µF
0.01 µF
0.01 µF
A+5V
0.01 µF
4.7 µF
0.1 µF
(+2.5 V)
XUF (Dependent on Frequency)
50
-
+
OP191
2
3
7
4
6
0.01 µF
(Optional Level-Shift Circuit)
+
+
+
4.7 µF
22
(TTL to PECL
Translator)
22
Analog In
CLK
Q0
Q1
Notes:
1. Input signal is typically at a +2.5 V offset. The optional level-shift circuit may be eliminated if
driving from a source that already provides for this offset.
2. The device may be operated from -5 V supply on GND pins and 0 V on AVCC pins. All input and
output pins will be shifted by -5 V. The use of an ECL level may be used to drive the clock inputs.
3. VCC (ESD) is the high voltage for the ESD protection diodes and must be connected in all
applications. NOTE: It should be tied to VCC (THA), not to VCC (INV).
N/C
N/C
N/C
N/C
0.01 µF
Figure 4 - Typical Interface Circuit (Differential Operational Design)
5
6
7
8
A+5V
1
2
3
4
Q0
GND
DO
VCC
D1
Q1
GND(Ref)
REF OUT
REF IN
GND(THA)
GND(SUB)
GND(CAP)
Analog IN
GND(THA)
GND(THA)
GND(THA)
GND(THA)
AVCC(Ref)
GND(SUB)
GND(INV)
CLK
AVCC(THA)
OUT+
OUT-
INV A
INV B
AVCC(INV)
AVCC(ESD)
AVCC(THA)
AVCC(THA)
AVCC(THA)
AVCC(THA)
AVCC(INV)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
10
300
50
50
1 µF
0.01 µF
A+5V
0.1 µF
TTL Clock
(Sample Clock, up to 100 MHz)
(+3.0 V)
A+5V
A+5V
OUT+
OUT-
4.7 µF
0.01 µF
4.7 µF
0.01 µF
A+5V
0.01 µF
4.7 µF
4.7 µF
0.01 µF
0.1 µF
(+2.5 V)
XUF (Dependent on Frequency)
50
-
+
OP191
2
3
7
4
6
0.01 µF
(Optional Level-Shift Circuit)
(Differential Output)
+
+
+
+
+
22
(TTL to PECL
Translator)
22
22
Analog In
CLK
Q0
Q1
Notes:
1. Input signal is typically at a +2.5 V offset. The optional level-shift circuit may be eliminated if
driving from a source that already provides for this offset.
2. The device may be operated from -5 V supply on GND pins and 0 V on AVCC pins. All input and
output pins will be shifted by -5 V. The use of an ECL level may be used to drive the clock inputs.
3. VCC (ESD) is the high voltage for the ESD protection diodes and must be connected in all
applications. NOTE: It should be tied to VCC (THA), not to VCC (INV).



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com