Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT9110 Datasheet(PDF) 11 Page - Cadeka Microcircuits LLC.

Part # SPT9110
Description  100 MSPS SINGLE-TO-DIFFERENTIAL TRACK-AND-HOLD
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT9110 Datasheet(HTML) 11 Page - Cadeka Microcircuits LLC.

Back Button SPT9110 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT9110 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT9110 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT9110 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT9110 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT9110 Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT9110 Datasheet HTML 9Page - Cadeka Microcircuits LLC. SPT9110 Datasheet HTML 10Page - Cadeka Microcircuits LLC. SPT9110 Datasheet HTML 11Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11
11/12/98
SPT9110
PIN ASSIGNMENTS
PIN FUNCTIONS
Name
Function
Analog In
Single-ended analog input to the THA
Invert InA
Inverting input A to inverting amplifier
resistor R1
Invert InB
Inverting input B to inverting amplifier
resistor R2
Out+
Single-ended output of the THA
Out-
Output from the inverting amplifier
CLK
Noninverting differential PECL clock input
NCLK
Inverting differential PECL clock input
Ref In
Common-mode reference for the inverting
amplifier
Ref Out
Internal +2.5 V reference output
AVCC (THA)
Track-and-hold analog +5 V supply
AVCC (INV)
Inverter +5 V supply
AVCC (Ref)
Internal reference +5 V supply
AVCC (ESD) +5 V supply for ESD protection diodes
AGND (THA) Track-and-hold analog ground
AGND (Cap) Hold capacitor analog ground
AGND (Sub) Substrate analog ground
AGND (INV)
INVERTER analog ground
AGND (Ref)
Internal reference analog ground
PART NUMBER
TEMPERATURE RANGE
PACKAGE TYPE
SPT9110SIS
-40 to +85
°C
28L SOIC
ORDERING INFORMATION
AGND (THA)
AGND (THA)
Analog In
AGND (Sub)
AGND (THA)
AGND (Cap)
AGND (THA)
AGND (THA)
Ref In
Ref Out
AVCC (Ref)
AGND (Ref)
AGND (Sub)
AGND (INV)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
Out+
AVCC (THA)
AVCC (INV)
Invert InB
Out-
AVCC (INV)
Invert InA
AVCC (THA)
AVCC (THA)
AVCC (THA)
AVCC (THA)
NCLK
CLK
AVCC (ESD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com