Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT9110 Datasheet(PDF) 3 Page - Cadeka Microcircuits LLC.

Part # SPT9110
Description  100 MSPS SINGLE-TO-DIFFERENTIAL TRACK-AND-HOLD
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT9110 Datasheet(HTML) 3 Page - Cadeka Microcircuits LLC.

  SPT9110 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT9110 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT9110 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT9110 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT9110 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT9110 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT9110 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT9110 Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT9110 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
11/12/98
SPT9110
ELECTRICAL SPECIFICATIONS
AVCC = +5.0 V, AGND = 0.0 V, Output Load = 1 kΩ and 10 pF, VIN = 2.0 Vp-p,Internal Reference, unless otherwise specified.
TEST
TEST
SPT9110
PARAMETERS
CONDITIONS
LEVEL
MIN
TYP
MAX
UNITS
Track Mode Dynamics
Bandwidth (-3 dB)
+25
°C
Single Ended Out
V
220
MHz
Differential Out
V
140
MHz
Slew Rate 2.0 Vp-p Output Step
+25
°C
Single Ended Out
20 pF Load
IV
580
V/
µs
Differential Out7
20 pF Load
IV
800
V/
µs
Input RMS Spectral Noise
Single Ended
V
3.5
nV/ Hz
Differential
V
13.0
nV/ Hz
Track-to-Hold Switching
Aperture Delay
+25
°C
V
250
ps
Aperture Jitter
+25
°C
V
<1
ps rms
Pedestal Offset
+25
°CIV
±12
mV
Full Temperature
V
±12
mV
Hold Mode Dynamics4 (VIN = 1 Vp-p)
Worst Harmonic
5 MHz, 50 MSPS, Single-Ended
TA = +25 °C
IV
-64
-68
dB
TA = -40 °C to +85 °C
V
-64
dB
Worst Harmonic
5 MHz, 50 MSPS, Differential
TA = +25 °C
IV
-61
-65
dB
TA = -40 °C to +85 °C
V
-63
dB
Worst Harmonic
25 MHz, 50 MSPS, Single-Ended
TA = +25 °C
V
-66
dB
TA = -40 °C to +85 °C
V
-63
dB
Worst Harmonic
25 MHz, 50 MSPS, Differential
TA = +25 °C
V
-64
dB
TA = -40 °C to +85 °C
V
-60
dB
Worst Harmonic
50 MHz, 100 MSPS, Single-Ended
TA = +25 °C
IV
-54
-58
dB
TA = -40 °C to +85 °C
V
-54
dB
Worst Harmonic
50 MHz, 100 MSPS, Differential
TA = +25 °C
IV
-50
-54
dB
TA = -40 °C to +85 °C
V
-50
dB
Sampling Bandwidth5 (-3 dB)
+25
°C
V
400
MHz
VIN = 2.0 Vp-p
Hold Noise6 (RMS)
+25
°C
V
300 x tH
mV/s
Droop Rate, VIN = +2.5 V
+25
°CIV
±40
mV/
µs
Full Temperature
IV
±80
mV/
µs
Feedthrough Rejection (50 MHz)
Full Temperature
V
-65
dB
VIN= 2 Vp-p
4. For hold times longer than 50 ns, the input common mode voltage may affect the hold mode distortion. (This is due to nonlinear
application of the hold signal.
5. Sampling bandwidth is defined as the -3 dB frequency response of the input sampler to the hold capacitor when operating in the
sampling mode. It is greater than tracking bandwidth because it does not include the bandwidth of the output amplifier.
6. Hold mode noise is proportional to the length of time a signal is held. This value must be combined with the track mode noise to
obtain total noise.
7. Optimized for hold mode performance and low power.
droop that varies with VCM.) For optimal performance, CADEKA recommends that the held output signal be used within 50 ns of the



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com