Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT9110 Datasheet(PDF) 9 Page - Cadeka Microcircuits LLC.

Part # SPT9110
Description  100 MSPS SINGLE-TO-DIFFERENTIAL TRACK-AND-HOLD
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT9110 Datasheet(HTML) 9 Page - Cadeka Microcircuits LLC.

Back Button SPT9110 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT9110 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT9110 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT9110 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT9110 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT9110 Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT9110 Datasheet HTML 9Page - Cadeka Microcircuits LLC. SPT9110 Datasheet HTML 10Page - Cadeka Microcircuits LLC. SPT9110 Datasheet HTML 11Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
11/12/98
SPT9110
TYPICAL PERFORMANCE CHARACTERISTICS
Track Mode Distortion vs. AC Coupled Resistive Load
fIN = 40 MHz, 1 VP-P CLoad = 10 pF
-35
-40
-45
-50
-55
-60
-65
-70
0
250
500
750
1000
1250
1500
1750
2000
RLoad (Ohms)
OUT+
THA
RLoad
0.01 µF
CLoad
Hold Mode Distortion vs. Temperature
fIN = 5 MHz, fS = 50 MSPS
°C
-66
-68
-70
-72
-74
-76
-78
-40
-20
0
20
40
60
80
100
Out+
Out-
Hold Mode Distortion vs. Temperature
fIN = 25 MHz, fS = 50 MSPS
-50
-55
-60
-65
-70
-40
-20
0
20
40
60
80
100
°C
OUT+
OUT-
Hold Mode Distortion vs. Temperature
fIN = 50 MHz, fS = 100 MSPS
-40
-45
-50
-55
-60
-65
-40
-20
0
20
40
60
80
100
°C
DC Parameters vs. Temperature
(VIN = 2.5 V)
-40
-20
0
20
40
60
80
-50
0
50
100
Temperature (°C)
Droop
Pedestal Offset
Differential Offset
Single-Ended Offset



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com