Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF16006 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MRF16006 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MRF16006
Download  MRF16006 Download
File Size   176.58 Kbytes
Page   6 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description The RF Line NPN Silicon Power Transistor 6.0W , 1.6GHz, 28V

MRF16006 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF16006 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MRF16006
Download  MRF16006 Click to download

File Size   176.58 Kbytes
Page   6 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description The RF Line NPN Silicon Power Transistor 6.0W , 1.6GHz, 28V

MRF16006 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MRF16006 Product details

Designed for 28 V microwave large–signal, common base, Class C, CW amplifier applications in the range 1600 – 1640 MHz

• Specified 28 V, 1.6 GHz Class C characteristics
    Output power = 6 W
    Minimum gain = 7.4 dB, @ 6 W
    Minimum efficiency = 40% @ 6 W
• Characterized with series equivalent large–signal parameters from 1500 MHz to 1700 MHz
• Silicon nitride passivated
• Gold metalized, emitter ballasted for long life and resistance to metal migration




Similar Part No. - MRF16006

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF16006 MOTOROLA-MRF16006 Datasheet
82Kb / 6P
RF POWER TRANSISTOR NPN SILICON
logo
Tyco Electronics
MRF16006 MACOM-MRF16006 Datasheet
142Kb / 5P
RF POWER TRANSISTOR NPN SILICON
logo
M/A-COM Technology Solu...
MRF16006 MA-COM-MRF16006 Datasheet
176Kb / 6P
The RF Line NPN Silicon Power Transistor
MRF16006 MA-COM-MRF16006_15 Datasheet
176Kb / 6P
The RF Line NPN Silicon Power Transistor
MRF16006 MA-COM-MRF16006_17 Datasheet
540Kb / 7P
The RF Line NPN Silicon Power Transistor
More results


Similar Description - MRF16006

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MRF314 MA-COM-MRF314 Datasheet
228Kb / 5P
The RF Line NPN Silicon Power Transistor 30W, 30-200MHz, 28V
MRF316 MA-COM-MRF316 Datasheet
223Kb / 6P
The RF Line NPN Silicon Power Transistor 80W, 3.0-200MHz, 28V
MRF317 MA-COM-MRF317 Datasheet
220Kb / 6P
The RF Line NPN Silicon Power Transistor 100W, 30-200MHz, 28V
MRF321 MA-COM-MRF321 Datasheet
224Kb / 5P
The RF Line NPN Silicon Power Transistor 10W, 400MHz, 28V
MRF323 MA-COM-MRF323 Datasheet
223Kb / 5P
The RF Line NPN Silicon Power Transistor 20W, 400MHz, 28V
MRF421 MA-COM-MRF421 Datasheet
189Kb / 5P
The RF Line NPN Silicon Power Transistor 100W(PEP), 30MHz, 28V
MRF16030 MA-COM-MRF16030 Datasheet
170Kb / 6P
The RF Line NPN Silicon Power Transistor 30W, 1.6GHz, 28V
MRF316 MA-COM-MRF316 Datasheet
223Kb / 6P
The RF Line NPN Silicon Power Transistor 80W, 3.0-200MHz, 28V
MRF321 MA-COM-MRF321 Datasheet
224Kb / 5P
The RF Line NPN Silicon Power Transistor 10W, 400MHz, 28V
MRF323 MA-COM-MRF323 Datasheet
223Kb / 5P
The RF Line NPN Silicon Power Transistor 20W, 400MHz, 28V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com