Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-489TR Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

SW-489TR Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # SW-489TR
Download  SW-489TR Download
File Size   87.52 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description GaAs SP3T 2.5 V High Power Switch DC - 2.5 GHz

SW-489TR Datasheet (PDF)

Go To PDF Page Download Datasheet
SW-489TR Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # SW-489TR
Download  SW-489TR Click to download

File Size   87.52 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description GaAs SP3T 2.5 V High Power Switch DC - 2.5 GHz

SW-489TR Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


SW-489TR Product details

Description
M/A-COM’s SW-489 is a GaAs PHEMT MMIC single pole three throw (SP3T) high power switch in a low cost 3 mm 12-lead PQFN package. The SW-489 is ideally suited for applications where high power, low control voltage, low insertion loss, high isolation, small size and low cost are required.
Typical applications are for GSM and DCS handset systems that connect separate transmit and receive functions to a common antenna, as well as other handset and related applications. The SW-489 can be used in all systems operating up to 2.5 GHz requiring high power at low control voltage.

Features
• Low Voltage Operation: 2.5 V
• Low Harmonics: -74 dBc at +34 dBm & 1 GHz
• Low Insertion Loss: 0.5 dB at 1 GHz
• High Isolation: 18.5 dB at 2 GHz
• 3 mm 12-Lead PQFN Package
• 0.5 micron GaAs PHEMT Process




Similar Part No. - SW-489TR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-489TR MACOM-SW-489TR Datasheet
255Kb / 5P
GaAs SP3T 2.5V High Power Switch DC - 2.5 GHz
More results


Similar Description - SW-489TR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0033 MACOM-MASWSS0033 Datasheet
241Kb / 5P
GaAs SP3T 2.5V High Power Switch DC - 2.5 GHz
SW-489 MACOM-SW-489 Datasheet
255Kb / 5P
GaAs SP3T 2.5V High Power Switch DC - 2.5 GHz
MASW-008330 MACOM-MASW-008330 Datasheet
136Kb / 3P
GaAs SP3T 2.5 V Switch DC - 3.0 GHz
MASWSS0028 MACOM-MASWSS0028 Datasheet
142Kb / 3P
GaAs SP3T 2.5 V Switch DC - 3.0 GHz
MASWSS0100 MACOM-MASWSS0100 Datasheet
103Kb / 3P
GaAs SP3T 2.5 V High Power Switch 0.1 - 3.0 GHz
logo
Hexawave, Inc
HWS467 HW-HWS467 Datasheet
65Kb / 2P
GaAs DC-2.5 GHz SP3T Switch
logo
M/A-COM Technology Solu...
MASW-008330 MA-COM-MASW-008330 Datasheet
108Kb / 3P
GaAs SP3T 2.5 V Switch DC - 3.0 GHz
MASWSS0028 MA-COM-MASWSS0028 Datasheet
93Kb / 3P
GaAs SP3T 2.5 V Switch DC - 3.0 GHz
MASWSS0100 MA-COM-MASWSS0100 Datasheet
65Kb / 3P
GaAs SP3T 2.5 V High Power Switch 0.1 - 3.0 GHz
MASW-008330 MA-COM-MASW-008330 Datasheet
108Kb / 3P
GaAs SP3T 2.5 V Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com