Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-489TR Datasheet (PDF) - Tyco Electronics

SW-489TR Datasheet PDF - Tyco Electronics
Part # SW-489TR
Download  SW-489TR Download
File Size   255.53 Kbytes
Page   5 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description GaAs SP3T 2.5V High Power Switch DC - 2.5 GHz

SW-489TR Datasheet (PDF)

Go To PDF Page Download Datasheet
SW-489TR Datasheet PDF - Tyco Electronics

Part # SW-489TR
Download  SW-489TR Click to download

File Size   255.53 Kbytes
Page   5 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description GaAs SP3T 2.5V High Power Switch DC - 2.5 GHz

SW-489TR Datasheet (HTML) - Tyco Electronics


SW-489TR Product details

Description
M/A-COM’s SW-489 is a GaAs PHEMT MMIC single pole three throw (SP3T) high power switch in a low cost miniature FQFP 12-lead 3x3mm thin profile package. The SW-489 is ideally suited for applications where high power, low control voltage, low insertion loss, high isolation, small size and low cost are required. Typical applications are for GSM and DCS handset systems that connect separate transmit and receive functions to a common antenna, as well as other handset and related applications. This part can be used in all systems operating up to 2.5 GHz requiring high power at low control voltage.

Features
• Low Voltage Operation 2.5V
• Low Harmonics > 65 dBc at +34 dBm & 1 GHz
• Low Insertion Loss 0.5 dB at 1 GHz
• High Isolation 18.5 dB at 2 GHz
• Miniature FQFP 12-lead 3x3mm Package
• 0.5 micron GaAs pHEMT Process




Similar Part No. - SW-489TR

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
SW-489TR MA-COM-SW-489TR Datasheet
87Kb / 3P
GaAs SP3T 2.5 V High Power Switch DC - 2.5 GHz
More results


Similar Description - SW-489TR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0033 MACOM-MASWSS0033 Datasheet
241Kb / 5P
GaAs SP3T 2.5V High Power Switch DC - 2.5 GHz
MASW-008330 MACOM-MASW-008330 Datasheet
136Kb / 3P
GaAs SP3T 2.5 V Switch DC - 3.0 GHz
MASWSS0028 MACOM-MASWSS0028 Datasheet
142Kb / 3P
GaAs SP3T 2.5 V Switch DC - 3.0 GHz
MASWSS0100 MACOM-MASWSS0100 Datasheet
103Kb / 3P
GaAs SP3T 2.5 V High Power Switch 0.1 - 3.0 GHz
logo
Hexawave, Inc
HWS467 HW-HWS467 Datasheet
65Kb / 2P
GaAs DC-2.5 GHz SP3T Switch
logo
M/A-COM Technology Solu...
MASW-008330 MA-COM-MASW-008330 Datasheet
108Kb / 3P
GaAs SP3T 2.5 V Switch DC - 3.0 GHz
MASWSS0028 MA-COM-MASWSS0028 Datasheet
93Kb / 3P
GaAs SP3T 2.5 V Switch DC - 3.0 GHz
MASWSS0100 MA-COM-MASWSS0100 Datasheet
65Kb / 3P
GaAs SP3T 2.5 V High Power Switch 0.1 - 3.0 GHz
MASW-009482 MA-COM-MASW-009482 Datasheet
224Kb / 7P
GaAs Broadband High Power SP3T Switch DC - 4.0 GHz
SW-489 MA-COM-SW-489 Datasheet
87Kb / 3P
GaAs SP3T 2.5 V High Power Switch DC - 2.5 GHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com