Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM5628IN Datasheet (PDF) - Wolfson Microelectronics plc

WM5628IN Datasheet PDF - Wolfson Microelectronics plc
Part # WM5628IN
Download  WM5628IN Download
File Size   370.45 Kbytes
Page   15 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description 3 & 5V Octal 8-Bit Voltage Output DAC with Serial Interface

WM5628IN Datasheet (PDF)

Go To PDF Page Download Datasheet
WM5628IN Datasheet PDF - Wolfson Microelectronics plc

Part # WM5628IN
Download  WM5628IN Click to download

File Size   370.45 Kbytes
Page   15 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description 3 & 5V Octal 8-Bit Voltage Output DAC with Serial Interface

WM5628IN Datasheet (HTML) - Wolfson Microelectronics plc


WM5628IN Product details

Description
WM5628L and WM5628 are Octal 8-bit digital to analogue converters (DAC) controlled via a serial interface. Each DACs output voltage range is programmable for either x1 or x 2 its reference input voltage, allowing near rail to rail operation for the x 2 output range. High impedance buffered voltage reference inputs are provided for each group of four DACs. WM5628L operates on a single supply voltage of 3 V while WM5628 operates on 5 V.

Features
• Eight 8-bit voltage output DACs
• Three wire serial interface
• Programmable x1 or x 2 output range.
• Power-on-reset sets outputs to zero
• Buffered voltage reference inputs
• Simultaneous DAC output update

Applications
• Programmable d.c. voltage sources
• Digitally controlled attenuator/amplifier
• Signal synthesis
• Mobile communications
• Automatic test equipment
• Process control




Similar Part No. - WM5628IN

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM5620 WOLFSON-WM5620 Datasheet
362Kb / 14P
3 & 5V Quad 8-Bit Voltage Output DAC with Serial Interface
WM5620CD WOLFSON-WM5620CD Datasheet
362Kb / 14P
3 & 5V Quad 8-Bit Voltage Output DAC with Serial Interface
WM5620CN WOLFSON-WM5620CN Datasheet
362Kb / 14P
3 & 5V Quad 8-Bit Voltage Output DAC with Serial Interface
WM5620ID WOLFSON-WM5620ID Datasheet
362Kb / 14P
3 & 5V Quad 8-Bit Voltage Output DAC with Serial Interface
WM5620IN WOLFSON-WM5620IN Datasheet
362Kb / 14P
3 & 5V Quad 8-Bit Voltage Output DAC with Serial Interface
More results


Similar Description - WM5628IN

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM2629 WOLFSON-WM2629 Datasheet
119Kb / 13P
Octal 8-bit, Serial Input, Voltage Output DAC with Power Down
WM2632 WOLFSON-WM2632 Datasheet
122Kb / 13P
Octal 8-bit, Serial Input, Voltage Output DAC with Internal Rererence
WM5620L WOLFSON-WM5620L Datasheet
362Kb / 14P
3 & 5V Quad 8-Bit Voltage Output DAC with Serial Interface
logo
Fairchild Semiconductor
SPT5400 FAIRCHILD-SPT5400 Datasheet
73Kb / 8P
13-BIT, OCTAL VOLTAGE-OUTPUT DAC WITH PARALLEL INTERFACE
logo
Maxim Integrated Produc...
MAX5270 MAXIM-MAX5270 Datasheet
251Kb / 13P
Octal, 13-Bit Voltage-Output DAC with Parallel Interface
Rev 1; 1/01
MAX547 MAXIM-MAX547 Datasheet
230Kb / 16P
Octal, 13-Bit Voltage-Output DAC with Parallel Interface
Rev 3; 12/95
MAX5839 MAXIM-MAX5839 Datasheet
211Kb / 16P
Octal, 13-Bit Voltage-Output DAC with Parallel Interface
Rev 0; 1/00
MAX7841 MAXIM-MAX7841 Datasheet
326Kb / 14P
Octal, 14-Bit Voltage-Output DAC with Parallel Interface
Rev 0; 7/03
MX7839 MAXIM-MX7839 Datasheet
374Kb / 14P
Octal, 13-Bit Voltage-Output DAC with Parallel Interface
Rev 0; 7/03
logo
Cadeka Microcircuits LL...
SPT5400 CADEKA-SPT5400 Datasheet
156Kb / 8P
13-BIT, OCTAL VOLTAGE-OUTPUT DAC WITH PARALLEL INTERFACE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com