Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7215 Datasheet (PDF) - Diodes Incorporated

AP7215 Datasheet PDF - Diodes Incorporated
Part # AP7215
Download  AP7215 Download
File Size   210.61 Kbytes
Page   11 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 600mA CMOS LDO

AP7215 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP7215 Datasheet PDF - Diodes Incorporated

Part # AP7215
Download  AP7215 Click to download

File Size   210.61 Kbytes
Page   11 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 600mA CMOS LDO

AP7215 Datasheet (HTML) - Diodes Incorporated


AP7215 Product details

General Description

The AP7215 low-dropout linear regulator operates from a 3.3V to 5.5V supply and delivers a guaranteed 600mA continuous load current. The high-accuracy output voltage is preset to an internally trimmed voltage. An active-low open-drain reset output remains asserted for at least 20ms (TYP) after input voltage rises above the reset threshold.



Features

• Very Low Dropout Voltage

• Low Current Consumption: Typ. 50μA

• Output Voltage: 3.3V

•Guaranteed 600mA Output

• Input Range up to 5.5V

• Current Limit Protection

• Stable with either electrolytic capacitor or low-ESR MLCC (multi-layer ceramic capacitor) Low Temperature Coefficient

• SOP-8L and SOT89-3L: Available in “Green” Molding Compound (No Br, Sb) 

 




Similar Part No. - AP7215

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP7215 ETC-AP7215 Datasheet
1Mb / 36P
Bobbintron Electrical Corporation
More results


Similar Description - AP7215

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8806 AME-AME8806 Datasheet
89Kb / 12P
600mA CMOS LDO
AME8805 AME-AME8805 Datasheet
180Kb / 12P
600mA CMOS LDO
AME8861 AME-AME8861 Datasheet
148Kb / 9P
600mA CMOS LDO
logo
Asahi Kasei Microsystem...
AME8863 AKM-AME8863 Datasheet
108Kb / 12P
600mA CMOS LDO
logo
List of Unclassifed Man...
CM2862 ETC1-CM2862 Datasheet
190Kb / 9P
600mA CMOS LDO
logo
Analog Microelectronics
AME8806 AME-AME8806_06 Datasheet
245Kb / 18P
600mA CMOS LDO
AME8841 AME-AME8841_06 Datasheet
155Kb / 14P
600mA CMOS LDO
AME8805 AME-AME8805_12 Datasheet
188Kb / 17P
600mA CMOS LDO
AME8841 AME-AME8841_08 Datasheet
201Kb / 14P
600mA CMOS LDO
logo
Unisonic Technologies
L1186 UTC-L1186_15 Datasheet
239Kb / 7P
600mA CMOS LDO
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com