Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7215 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP7215
Description  600mA CMOS LDO
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7215 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP7215 Datasheet HTML 1Page - Diodes Incorporated AP7215 Datasheet HTML 2Page - Diodes Incorporated AP7215 Datasheet HTML 3Page - Diodes Incorporated AP7215 Datasheet HTML 4Page - Diodes Incorporated AP7215 Datasheet HTML 5Page - Diodes Incorporated AP7215 Datasheet HTML 6Page - Diodes Incorporated AP7215 Datasheet HTML 7Page - Diodes Incorporated AP7215 Datasheet HTML 8Page - Diodes Incorporated AP7215 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
AP7215
600mA CMOS LDO
AP7215 Rev. 1
2 of 11
FEBRUARY 2009
www.diodes.com
© Diodes Incorporated
(1) SOP-8L
(2) SOT89-3L
1
2
3
4
6
5
EN
( Top View )
VROUT
NC
NC
VIN
GND
NC
VDOUT
8
7
GND
VROUT
VIN
1
3
2
Tab is VIN
( Top View )
Pin Name
Pin No.
Description
SOP-8L
SOT89-3L
NC
1, 3 , 5
-
No Connection
VROUT
2
3
Voltage Output
VIN
4
2
Supply Voltage
VDOUT
6
-
VD Output Voltage (Reset Output)
GND
7
1
Ground
EN
8
-
Enable (VROUT ON/OFF)
Pin Assignments
Pin Descriptions



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com