Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7215 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP7215
Description  600mA CMOS LDO
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7215 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP7215 Datasheet HTML 1Page - Diodes Incorporated AP7215 Datasheet HTML 2Page - Diodes Incorporated AP7215 Datasheet HTML 3Page - Diodes Incorporated AP7215 Datasheet HTML 4Page - Diodes Incorporated AP7215 Datasheet HTML 5Page - Diodes Incorporated AP7215 Datasheet HTML 6Page - Diodes Incorporated AP7215 Datasheet HTML 7Page - Diodes Incorporated AP7215 Datasheet HTML 8Page - Diodes Incorporated AP7215 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
AP7215
600mA CMOS LDO
AP7215 Rev. 1
3 of 11
FEBRUARY 2009
www.diodes.com
© Diodes Incorporated
Block Diagram
Enable
Bandgap
Current
Limit
-
ERROR
AMP
+
+
-
1.2V
R3
R4
VD Comp.
R1
R2
EN
VD
OUT
GND
VR
OUT
V
IN
On
Off
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
ESD HBM
Human Body Model ESD Protection
2
KV
ESD MM
Machine Model ESD Protection
350
V
VIN
Input Voltage
+6
V
VROUT
Output Voltage
GND - 0.3 ~ VIN+ 0.3
V
TJ(MAX)
Maximum Junction Temperature
150
ºC
PD
Power Dissipation
SOP-8L
1.2
W
SOT89-3L
0.79
W
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VIN
Input Voltage
3.3
5.5
V
IOUT
Output Current
0
600
mA
TJ
Operating Junction Temperature Range
-40
125
ºC
TA
Operating Ambient Temperature
-40
85
ºC



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com