Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7215 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AP7215
Description  600mA CMOS LDO
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7215 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AP7215 Datasheet HTML 3Page - Diodes Incorporated AP7215 Datasheet HTML 4Page - Diodes Incorporated AP7215 Datasheet HTML 5Page - Diodes Incorporated AP7215 Datasheet HTML 6Page - Diodes Incorporated AP7215 Datasheet HTML 7Page - Diodes Incorporated AP7215 Datasheet HTML 8Page - Diodes Incorporated AP7215 Datasheet HTML 9Page - Diodes Incorporated AP7215 Datasheet HTML 10Page - Diodes Incorporated AP7215 Datasheet HTML 11Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
AP7215
600mA CMOS LDO
AP7215 Rev. 1
9 of 11
FEBRUARY 2009
www.diodes.com
© Diodes Incorporated
(1) SOP-8L
( Top View )
AP7215-33
YYWWX X
Logo
Part Number
5
8
4
1
WW : Week : 01~52; 52
YY : Year : 08, 09,10~
G : Green
X : Internal Code
represents 52 and 53 week
(2) SOT89-3L
1
3
2
X X
Y W
XX : Identification code
( Top View )
X
Y : Year : 0~9
W : Week : A~Z : 1~26 week;
X : Internal code
A~Z : Green
a~z : 27~52 week;
z represents 52 and 53 week
Marking Information
Device
Package type
Identification Code
AP7215Y
SOT89-3L
N8



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com