Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7215 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP7215
Description  600mA CMOS LDO
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7215 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP7215 Datasheet HTML 1Page - Diodes Incorporated AP7215 Datasheet HTML 2Page - Diodes Incorporated AP7215 Datasheet HTML 3Page - Diodes Incorporated AP7215 Datasheet HTML 4Page - Diodes Incorporated AP7215 Datasheet HTML 5Page - Diodes Incorporated AP7215 Datasheet HTML 6Page - Diodes Incorporated AP7215 Datasheet HTML 7Page - Diodes Incorporated AP7215 Datasheet HTML 8Page - Diodes Incorporated AP7215 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
AP7215
600mA CMOS LDO
AP7215 Rev. 1
4 of 11
FEBRUARY 2009
www.diodes.com
© Diodes Incorporated
Electrical Characteristics
(TA = 25°C, CIN = 1µF, COUT = 1µF, VIN=5.0V, VEN = VIN, unless otherwise noted)
Symbol
Parameter
Test Conditions
Min
Typ.
Max
Unit
ICCQ
Quiescent Current
IOUT = 0mA
-
50
80
μA
ISTBY
Standby Current
VEN = GND
VIN = 5.0V
15
30
μA
VROUT
Output Voltage
Accuracy
IOUT = 30mA, VIN = 5V
3.234
3.300
3.366
V
ΔVR
OUT/ΔTA/VROUT
VROUT Temperature
Coefficient
TA =-40°C to 85°C, IOUT = 30mA
±100
ppm /
oC
VDO
Dropout Voltage
IOUT = 30mA
60
100
mV
IOUT = 100mA
100
250
mV
IOUT
Maximum Output
Current
VIN = 5.3V
600
mA
ILIMIT
Current Limit
VIN = 5.3V
750
mA
ISHORT
Short Circuit Current VIN = 5.3V
50
mA
ΔVR
OUT/ΔVIN/VROU
T
Line Regulation
4.3V
≤ V
IN ≤ 5.5V, IOUT = 30mA
0.01
±0.2
%/V
ΔVR
OUT
Load Regulation
1mA
≤ I
OUT ≤ 100mA, VIN = 5.3V
15
50
mV
PSRR
Power Supply
Rejection
VIN = 4.3V+ 0.5Vp-pAC,
IOUT = 50mA
F= 1KHz
55
dB
VEH
EN Input Threshold
Output ON
1.6
V
VEL
Output OFF
0.25
V
IEN
Enable Pin Current
-0.1
0.1
μA
VDF
VIN Detection Voltage Detect VDOUT fall
3.83
3.91
3.98
V
VHYS
VDF Hysteresis
Range
VDF
x1.02
VDF
x1.05
VDF
x1.08
V
IVDOUT
VDOUT Sink Current
VDOUT = 0.5V, VIN = 2.0V
20
mA
VDOUT = 0.5V, VIN = 3.0V
30
tRP
VDOUT Delay Time
10
20
40
ms
θ
JA
Thermal Resistance
Junction-to-Ambient
SOP-8L (Note 3)
124
ºC/W
SOT89-3L (Note 3)
173
θ
JC
Thermal Resistance
Junction-to-Case
SOP-8L (Note 3)
25
ºC/W
SOT89-3L (Note 3)
42
Notes:
3. Test conditions for SOP-8L, SOT89-3L: Device mounted on FR-4 substrate, single sided PC board, 2oz copper, with minimum recommended
pad layout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com