Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7215 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP7215
Description  600mA CMOS LDO
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7215 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP7215 Datasheet HTML 1Page - Diodes Incorporated AP7215 Datasheet HTML 2Page - Diodes Incorporated AP7215 Datasheet HTML 3Page - Diodes Incorporated AP7215 Datasheet HTML 4Page - Diodes Incorporated AP7215 Datasheet HTML 5Page - Diodes Incorporated AP7215 Datasheet HTML 6Page - Diodes Incorporated AP7215 Datasheet HTML 7Page - Diodes Incorporated AP7215 Datasheet HTML 8Page - Diodes Incorporated AP7215 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
AP7215
600mA CMOS LDO
AP7215 Rev. 1
1 of 11
FEBRUARY 2009
www.diodes.com
© Diodes Incorporated
•
Very Low Dropout Voltage
•
Low Current Consumption: Typ. 50
μA
•
Output Voltage: 3.3V
•
Guaranteed 600mA Output
•
Input Range up to 5.5V
•
Current Limit Protection
•
Stable with either electrolytic capacitor or low-ESR
MLCC (multi-layer ceramic capacitor) Low
Temperature Coefficient
•
SOP-8L and SOT89-3L: Available in “Green” Molding
Compound (No Br, Sb)
•
Lead Free Finish / RoHS Compliant (Note 1)
The AP7215 low-dropout linear regulator operates from a 3.3V to
5.5V supply and delivers a guaranteed 600mA continuous load
current.
The high-accuracy output voltage is preset to an internally
trimmed voltage. An active-low open-drain reset output remains
asserted for at least 20ms (TYP) after input voltage rises above
the reset threshold.
The space-saving SOP-8L and SOT89-3L package are suitable
for “pocket” and hand-held applications.
•
HD/Blue-Ray DVD & MP3/4 Players
•
Mobile Handsets and Smart Phones
•
Digital Still Camera
•
Hand-Held Computers
AP7215 - 33 X G - 13
S : SOP-8L
Output voltage
Package
33 : 3.3V
Packing
Green
G : Green
13 : Tape & Reel
Y : SOT89-3L
Device
Package
Code
Packaging
(Note 2)
13” Tape and Reel
Quantity
Part Number Suffix
AP7215-33SG-13
S
SOP-8L
2500/Tape & Reel
-13
AP7215-33YG-13
Y
SOT89-3L
2500/Tape & Reel
-13
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied, see EU Directive 2002/95/EC Annex Notes.
2. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
Features
General Description
Applications
Ordering Information


Similar Part No. - AP7215

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP7215 ETC-AP7215 Datasheet
1Mb / 36P
Bobbintron Electrical Corporation
More results

Similar Description - AP7215

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8806 AME-AME8806 Datasheet
89Kb / 12P
600mA CMOS LDO
AME8805 AME-AME8805 Datasheet
180Kb / 12P
600mA CMOS LDO
AME8861 AME-AME8861 Datasheet
148Kb / 9P
600mA CMOS LDO
logo
Asahi Kasei Microsystem...
AME8863 AKM-AME8863 Datasheet
108Kb / 12P
600mA CMOS LDO
logo
List of Unclassifed Man...
CM2862 ETC1-CM2862 Datasheet
190Kb / 9P
600mA CMOS LDO
logo
Analog Microelectronics
AME8806 AME-AME8806_06 Datasheet
245Kb / 18P
600mA CMOS LDO
AME8841 AME-AME8841_06 Datasheet
155Kb / 14P
600mA CMOS LDO
AME8805 AME-AME8805_12 Datasheet
188Kb / 17P
600mA CMOS LDO
AME8841 AME-AME8841_08 Datasheet
201Kb / 14P
600mA CMOS LDO
logo
Unisonic Technologies
L1186 UTC-L1186_15 Datasheet
239Kb / 7P
600mA CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com