Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2041 Datasheet (PDF) - Micrel Semiconductor

MIC2041 Datasheet PDF - Micrel Semiconductor
Part # MIC2041
Download  MIC2041 Download
File Size   640.87 Kbytes
Page   15 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Single Channel Low Voltage Power Distribution Switch

MIC2041 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC2041 Datasheet PDF - Micrel Semiconductor

Part # MIC2041
Download  MIC2041 Click to download

File Size   640.87 Kbytes
Page   15 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Single Channel Low Voltage Power Distribution Switch

MIC2041 Datasheet (HTML) - Micrel Semiconductor


MIC2041 Product details

General Description
The MIC2040 and MIC2041 are high side MOSFET switches optimized for general purpose power distribution applications that require circuit protection. The devices switch up to 5.5V and as low as 0.8V while offering both programmable current limiting and thermal shutdown to protect the device and the load. A fault status output is provided in order to detect overcurrent and thermal shutdown fault conditions. Both devices employ soft start circuitry to minimize the inrush current in applications that employ highly capacitive loads. Additionally, the MIC2040/41 is suited for multi-port USB applications to satisfy upstream/downstream power requirements.

Features
• 75mΩ max. on-resistance
• 0.8V to 5.5V operating range
• Adjustable current limit
• Up to 1.5A continuous output current
• Short circuit protection with thermal shutdown
• Circuit breaker mode (MIC2041)
• Fault status flag
• Undervoltage lockout
• Output MOSFET reverse current flow block when disabled
• Very fast reaction to short-circuits
• Low quiescent current

Applications
• Docking stations
• Notebook PCs
• PDAs
• Board hot swap
• RAID controllers
• USB peripherals
• ACPI power distribution




Similar Part No. - MIC2041

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC204 MICREL-MIC204 Datasheet
269Kb / 15P
SINGLE CHANNEL HIGH CURRENT LOW VOLTAGE, PROTECTED POWER DISTRIBUTION SWITCH
MIC2042 MICREL-MIC2042 Datasheet
832Kb / 15P
Single Channel, High Current, Low Voltage, Protected Power Distribution Switch
MIC2042-1BM MICREL-MIC2042-1BM Datasheet
832Kb / 15P
Single Channel, High Current, Low Voltage, Protected Power Distribution Switch
MIC2042-1BTS MICREL-MIC2042-1BTS Datasheet
832Kb / 15P
Single Channel, High Current, Low Voltage, Protected Power Distribution Switch
MIC2042-1YM MICREL-MIC2042-1YM Datasheet
832Kb / 15P
Single Channel, High Current, Low Voltage, Protected Power Distribution Switch
More results


Similar Description - MIC2041

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC204 MICREL-MIC204 Datasheet
269Kb / 15P
SINGLE CHANNEL HIGH CURRENT LOW VOLTAGE, PROTECTED POWER DISTRIBUTION SWITCH
MIC2025 MICREL-MIC2025_10 Datasheet
1,011Kb / 14P
Single-Channel Power Distribution Switch MM8짰
MIC2042 MICREL-MIC2042 Datasheet
832Kb / 15P
Single Channel, High Current, Low Voltage, Protected Power Distribution Switch
MIC2044 MICREL-MIC2044_05 Datasheet
718Kb / 15P
Single Channel, High Current, Low Voltage, Protected Power Distribution Switch
logo
HTC Korea TAEJIN Techno...
TJ2110 HTC-TJ2110 Datasheet
981Kb / 14P
Single-Channel Power Distribution Switch
logo
Diodes Incorporated
AP22802 DIODES-AP22802 Datasheet
552Kb / 14P
SINGLE CHANNEL POWER DISTRIBUTION LOAD SWITCH
Rev erse
logo
Exar Corporation
SP2525A EXAR-SP2525A Datasheet
711Kb / 10P
Single Channel USB Power Distribution Switch
logo
Fitipower Integrated Te...
FP6861C FITIPOWER-FP6861C Datasheet
606Kb / 16P
Single-Channel Power Distribution Switch
logo
Diodes Incorporated
AP22811 DIODES-AP22811 Datasheet
503Kb / 17P
SINGLE CHANNEL POWER DISTRIBUTION LOAD SWITCH
DS39135 Rev. 4 - 2
AP22804 DIODES-AP22804 Datasheet
932Kb / 19P
SINGLE CHANNEL POWER DISTRIBUTION LOAD SWITCH
July 2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com