Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2041 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC2041
Description  Single Channel Low Voltage Power Distribution Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2041 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC2041 Datasheet HTML 1Page - Micrel Semiconductor MIC2041 Datasheet HTML 2Page - Micrel Semiconductor MIC2041 Datasheet HTML 3Page - Micrel Semiconductor MIC2041 Datasheet HTML 4Page - Micrel Semiconductor MIC2041 Datasheet HTML 5Page - Micrel Semiconductor MIC2041 Datasheet HTML 6Page - Micrel Semiconductor MIC2041 Datasheet HTML 7Page - Micrel Semiconductor MIC2041 Datasheet HTML 8Page - Micrel Semiconductor MIC2041 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
January 2005
5
M9999-012004
MIC2040/2041
Micrel
Test Circuit
7, 9
6
1
2
3
8,10
5
RSET
C1
0.1mF
4
MIC2040/41-xBM
VBIAS
VIN
EN
/FAULT
UVLOIN
VOUT
ILIM
GND
R2
20kW
R1
20kW
CLOAD
VOUT
C2
0.1mF
VIN
VDD
R3
75kW
R4
68kW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com