Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2041 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC2041
Description  Single Channel Low Voltage Power Distribution Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2041 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC2041 Datasheet HTML 1Page - Micrel Semiconductor MIC2041 Datasheet HTML 2Page - Micrel Semiconductor MIC2041 Datasheet HTML 3Page - Micrel Semiconductor MIC2041 Datasheet HTML 4Page - Micrel Semiconductor MIC2041 Datasheet HTML 5Page - Micrel Semiconductor MIC2041 Datasheet HTML 6Page - Micrel Semiconductor MIC2041 Datasheet HTML 7Page - Micrel Semiconductor MIC2041 Datasheet HTML 8Page - Micrel Semiconductor MIC2041 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
January 2005
3
M9999-012004
MIC2040/2041
Micrel
Absolute Maximum Ratings(1)
V
IN and VBIAS .................................................................................. 6V
/FAULT, PWRGD Output Voltage ................................... 6V
/FAULT, PWRGD Output Current .............................. 25mA
Junction Temperature Range ................... Internally Limited
ESD Rating(3)
Human Body Model ................................................... 2kV
Machine Model ........................................................ 200V
Operating Ratings(2)
Supply Voltage
V
IN ............................................................... 0.8V to 5.5V
V
BIAS ........................................................... 1.6V to 5.5V
Continuous Output Current ........................... 0.25A to 1.5A
Ambient Temperature (T
A) ........................... –40°C to 85°C
Package Thermal Resistance (Rθ(J-A))
MSOP ................................................................ 160°C/W
Electrical Characteristics(4)
V
IN = VBIAS = 5V. TA = 25°C unless specified otherwise. Bold indicates –40°C to +85°C.
Symbol
Parameter
Condition
Min
Typ
Max
Units
V
IN
Switch Input Voltage
V
IN ≤ VBIAS
0.8
5.5
V
V
BIAS
Bias Supply Voltage
1.6
5.5
V
I
BIAS
VBIAS Supply Current - Switch OFF
No load
0.1
5
µA
VBIAS Supply Current - Switch ON
No load
250
400
µA
Note 5
V
EN
Enable Input Voltage
V
IL(max)
2.4
1.5
V
V
IH(min)
3.5
2.5
V
V
ENHYS
Enable Input Threshold Hysteresis
100
mV
I
EN
Enable Input Current
V
EN = 0V to 5.5V
–1
.01
1
µA
R
DS(ON)
Switch Resistance
V
IN = VBIAS = 3V, 5V
50
75
mΩ
I
OUT = 500mA
I
LEAK
Output Leakage Current
Output off
10
µA
CLF
Current Limit Factor(6)
V
IN = 3V, 5V; 0.5V ≤ VOUT < 0.5VIN
280
340
400
A•Ω
0.25A ≤ IOUT ≤ 1.5A
V
LATCH
Output Reset Threshold
V
IN = 0.8V to 5.5V
V
IN–.0.2
V
V
OUT rising (MIC2041)
I
LATCH
Latched Output Off Current
Output latched off (MIC2041)
1
3
5
mA
V
OL
Output low voltage
I
OL (/FAULT) = 15mA
0.4
V
(/FAULT)
I
OFF
/FAULT Off Current
V
FAULT = 5V
1
µA
V
UV
Undervoltage Lockout Threshold
V
IN rising
1.30
1.45
1.58
V
V
IN falling
1.20
1.35
1.50
V
V
UVHYS
Undervoltage Lockout
100
mV
Threshold Hysteresis
V
UVINTH
UVLO Adjust Pin Threshold Voltage
V
IN rising
200
220
240
mV
V
IN falling
180
200
220
mV
V
UVINHYS
UVLO Adjust Pin Threshold Hysteresis
20
mV
Overtemperature Threshold
T
J increasing
140
°C
T
J decreasing
120
°C
Notes:
1.
Exceeding the absolute maximum rating may damage the device.
2.
The device is not guaranteed to function outside its operating rating.
3.
Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k in series with 100pF.
4.
Specification for packaged product only.
5.
OFF is V
EN < 1.0V for MIC2040/MIC2041–1 and VEN > 4.0V for MIC2040/MIC2041 –2. ON is VEN > 4.0V for MIC2040/MIC2041–1 and
V
EN < 1.0V for MIC2040/MIC2041 –2.
6.
The current limit is determined as follows: I
LIM = CLF/RSET.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com