Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2041 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC2041
Description  Single Channel Low Voltage Power Distribution Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2041 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC2041 Datasheet HTML 1Page - Micrel Semiconductor MIC2041 Datasheet HTML 2Page - Micrel Semiconductor MIC2041 Datasheet HTML 3Page - Micrel Semiconductor MIC2041 Datasheet HTML 4Page - Micrel Semiconductor MIC2041 Datasheet HTML 5Page - Micrel Semiconductor MIC2041 Datasheet HTML 6Page - Micrel Semiconductor MIC2041 Datasheet HTML 7Page - Micrel Semiconductor MIC2041 Datasheet HTML 8Page - Micrel Semiconductor MIC2041 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
MIC2040/2041
Micrel
M9999-012004
4
January 2005
Electrical Characteristics(7)
Symbol
Parameter
Condition
Min
Typ
Max
Units
t
FLAG
Flag Response Delay
V
IN = VBIAS = 3V, 5V
21
28
35
ms
t
ON
Output Turn-on Delay,
R
LOAD = 10Ω, CLOAD = 1µF
400
600
800
µs
t
R
Output turn-on Rise Time
R
LOAD = 10Ω, CLOAD = 1µF
0.5
1
1.5
ms
t
OFF
Output Turn-off Delay
R
LOAD = 10Ω, CLOAD = 1µF1
5
µs
t
F
Output Turn-off Fall Time
R
LOAD = 10Ω, CLOAD = 1µF24
µs
Note:
7.
Specification for packaged product only.
Timing Diagrams
50%
(a) MIC2040/41-1
(b) MIC2040/41-2
10%
90%
0
VEN
tON
tOFF
0
VOUT
50%
10%
90%
0
VEN
tON
tOFF
0
VOUT
Figure 1. Turn-On/Turn-Off Delay
0
VEN
ILIMIT
0
VOUT
0
IOUT
0
/FAULT
tFLAG
VIN 0.2V
Increase the load
Figure 2. Overcurrent Fault Response — MIC2040-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com