Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2041 Datasheet(PDF) 14 Page - Micrel Semiconductor

Part # MIC2041
Description  Single Channel Low Voltage Power Distribution Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2041 Datasheet(HTML) 14 Page - Micrel Semiconductor

Back Button MIC2041 Datasheet HTML 7Page - Micrel Semiconductor MIC2041 Datasheet HTML 8Page - Micrel Semiconductor MIC2041 Datasheet HTML 9Page - Micrel Semiconductor MIC2041 Datasheet HTML 10Page - Micrel Semiconductor MIC2041 Datasheet HTML 11Page - Micrel Semiconductor MIC2041 Datasheet HTML 12Page - Micrel Semiconductor MIC2041 Datasheet HTML 13Page - Micrel Semiconductor MIC2041 Datasheet HTML 14Page - Micrel Semiconductor MIC2041 Datasheet HTML 15Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
MIC2040/2041
Micrel
M9999-012004
14
January 2005
Power Dissipation
Power dissipation depends on several factors such as the
load, PCB layout, ambient temperature, and package type.
The following equations can be used to calculate power
dissipation and die temperature.
Calculation of power dissipation can be accomplished by the
following equation:
P
D = RDS(on) × (IOUT)
2
(4)
To relate this to junction temperature, the following equation
can be used:
T
J = PD × Rθ(J-A) + TA
(5)
where T
J = junction temperature, TA = ambient temperature
and R
θ(J-A) is the thermal resistance of the package.
Printed Circuit Board Hot-Plug
The MIC2040/41 are ideal inrush current limiting power
switches suitable for hot plug applications. Due to the inte-
grated charge pump, the MIC2040/41 present a high imped-
ance when in the off state and the device slowly becomes a
low impedance as it turns on. This effectively isolates power
supplies from highly capacitive loads by reducing inrush
current during hot plug events. This same feature also can be
used for soft-start requirements.
Bus-Powered Hub (USB)
Figure 5 illustrates a bus-powered hub application where the
MIC2040 provides ganged power switching to multiple down-
stream ports. A low-cost MIC5203 (SOT-143) or MIC5207
(TO-92) 3.3V low-dropout (LDO) regulator provides power
from the bus to the USB controller.
PCB Layout Recommendations
The MIC2040 and MIC2041 have very low on-resistance,
typically 50mΩ, and the switches can provide up to 1.5A of
continuous output current. Under maximum load, the power
consumed by the devices may cause the devices to heat up
considerably. The following list contains some useful sug-
gestions for PCB layout design of the MIC2040/41 in order to
prevent the die from overheating under normal operating
conditions.
7, 9
6
1
2
5
8,10
3
RSET
220Ω
Note:
BothV
IN pins (7, 9) must be externally tied together.
BothV
OUT pins (8, 10) must be externally tied together.
I
LIMIT = 1.5A.
C2
0.1µF
3.3V USB
Controller
MIC5203-3.3
ON/OFF
OC
IN
D+
D-
GND
4
MIC2040-1BM
VBIAS
VIN
EN
/FAULT
ILIM
VOUT
UVLOIN
GND
LDO
Regulator
R2
20kΩ
R1
20kΩ
CLOAD
10µF
(OPEN)
VOUT
5V@ 1A
C1
0.1µF
CLOAD
10µF
CLOAD
10µF
Downstream port
(100mA max.)
Downstream port
(100mA max.)
Downstream port
(100mA max.)
GND
OUT
IN
C4
1µF
C3
4.7µF
VBUS
D+
D-
GND
Figure 5. Multi-Port Bus-Powered Hub
1. Supply additional copper area under the device
to remove heat away from the IC.
See “Application Hint 17” for a general guideline in
calculating the suggested area.
2. Provide additional pad area on the corner pins of
the MIC2040/41 IC for heat distribution.
3. Tie the common power pins (V
IN = pins 7 and 9
and V
OUT = pins 8 and 10) together in a manner
such that the traces entering and leaving the
device have a uniform width sufficient for the
application’s current requirements plus added
margin (25% minimum recommended).
Ex: For 1A maximum current, design traces for
1.25A capability.
4. For PCB trace width calculations, there are
numerous calculator programs available on the
internet and elsewhere. As a general rule of
thumb, 15-20 mils for every 1A of current when
using 1oz. copper. However, the trace width
calculators often take into account maximum
temperature increase constraints, as well as
layer arrangement, in determining the PCB trace
widths.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com