Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2041 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2041
Description  Single Channel Low Voltage Power Distribution Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2041 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2041 Datasheet HTML 1Page - Micrel Semiconductor MIC2041 Datasheet HTML 2Page - Micrel Semiconductor MIC2041 Datasheet HTML 3Page - Micrel Semiconductor MIC2041 Datasheet HTML 4Page - Micrel Semiconductor MIC2041 Datasheet HTML 5Page - Micrel Semiconductor MIC2041 Datasheet HTML 6Page - Micrel Semiconductor MIC2041 Datasheet HTML 7Page - Micrel Semiconductor MIC2041 Datasheet HTML 8Page - Micrel Semiconductor MIC2041 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
MIC2040/2041
Micrel
M9999-012004
2
January 2005
Pin Configuration
ILIM
VBIAS
6
5
1
EN
/FAULT
UVLOIN
GND
10 VOUT
VIN
VOUT
VIN
9
8
7
2
3
4
MIC2040/MIC2041
10-Pin MSOP (MM)
Pin Description
Pin Number
Pin Name
Pin Function
1EN
Switch Enable Input: Gate control pin of the output MOSFET available as an
active high (–1) or active low (–2) input signal.
2
/FAULT
Fault Status Output: Open drain N-Channel device, active low. This pin
indicates an overcurrent, or thermal shutdown condition. For an overcurrent
event, /FAULT is asserted if the duration of the overcurrent condition lasts
longer than 28ms.
4
GND
Ground Connection: Tie to analog ground.
5
ILIM
Current Limit Set: A resistor, R
SET, connected to this pin sets the current
limit threshold as CLF/R
SET, where CLF is the current limit factor specified in
the electrical characteristics table. For the MIC2040/41, the continuous
output current range is 0.25A to 1.5A.
7, 9
VIN
Switch Input Supply: The drain of the output MOSFET. The range of input
for the switch is 0.8V to 5.5V. These pins must be externally connected
together.
8, 10
VOUT
Switch Output: The source of the output MOSFET. These pins must be
externally connected together.
6
VBIAS
Bias Supply Input: This input pin supplies bias to operate the switch with
range from 1.6V to 5.5V. When switching voltage (V
IN) is between 1.6V to
5.5V and the use of a single supply is desired, connect VBIAS to VIN
externally.
3
UVLOIN
Undervoltage Lockout Adjust Input: With this pin left open, the UVLO
threshold is internally set to 1.45V. When the switching voltage (V
IN) is at or
below 1.6V, connecting an external resistive divider to this input will lower
the UVLO threshold. The total resistance must be less than 200kΩ. See
“Applications Information” for further detail.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com